Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDW576 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HDW576
Description  7 x 5 x 1.8mm 6 pad SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HDW576 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HDW576 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
HDW576 series LVDS output oscillators cover the frequency range
750kHz to 800MHz. The design contains a high 'Q' fundamental
crystal and a multiplier circuit. Integrated phase jitter is 4.0ps
maximum.
OUTLINE & DIMENSIONS
Frequency Range:
750kHz to 800.0MHz
Output Logic
LVDS
Phase Noise:
See table
Frequency Stability:
See table
Operating Temp Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Input Voltage:
+3.3VDC ±5%
Output Logic
High '1' VOH:
1.4V typical, 1.6V max.
Low '0' VOL:
0.9V min., 1.1V typical
Differential Output Voltage VOD:
247mV min., 355mV typ.,
454mV max. Output 1 - Output 2
Differential Output Error dVOD: -50mV min., 50mV max.
Output Offset Voltage VOS:
1.125V min., 1.20V typ., 1.375V max.
Offset Magnitude Error dVOS:
0mV min., 3mV typ., 25mV max.
Rise/Fall Times:
0.7ns typical, 1.0ns max.
(20% to 80% of LVDS waveform)
Current Consumption (15pF load):
<24MHz:
25mA max.
24.01 to 96MHz:
45mA max.
96.01 to 800MHz:
80mA max.
Load:
50W from each output
Start-up Time:
5ms typ., 10ms max.
Duty Cycle:
50%±5% (at 1.5V)
Drive Capability:
100 Ohms between outputs
Input Static Discharge Prot:
2kV min.
Storage Temperature Range:
-55°C to +150°C
Ageing:
±3ppm per year max., ±2ppm
thereafter. At T amb +25°C
Enable/Disable
No connection:
Both outputs enabled
Disable:
Both outputs are disabled when
control pad is taken below 0.3V
referenced to ground. Oscillator is
always 'on'. (Special request -
oscillator is off when disabled.)
Enable:
Both Outputs are enabled when
control pad is taken above 0.7 Vcc
referenced to ground.
ABSOLUTE MAXIMUM RATINGS
(Permanent damage may be caused if operated beyond these limits.)
Supply Voltage Vdd:
+4.6VDC max.
Input Voltage Vi:
Vss -0.5 min., VDD +0.5V max.
Input Voltage Vo:
Vss -0.5 min., Vdd +0.5V max.
SPECIFICATION
PART NUMBERS
HDW576 oscillator part numbers are derived as follows:
Example:
3HDW5762-A-250.000
HDW576 LVDS OSCILLATORS
Supply Voltage
3 = 3.3VDC
Series Designation
Package Style
5761 or 5762
Stability Code
(See table)
Frequency
STABILITY OVER TEMPERATURE RANGE
Stability
Temperature Range Order Code
±ppm
°C
25
-10 to +70
A
50
-10 to +70
B
100
-10 to +70
C
25
-40 to +85
D
50
-40 to +85
E
100
-40 to +85
F
Offset
10Hz
-60
100Hz
-90
1kHz
-115
10kHz
-125
100kHz
-119
1MHz
-120
10MHz
-140
dBc/Hz
PHASE NOISE
(155.520MHz)
Typ.
2.6ps 4.0ps
4.3ps
27ps
Max.
Integrated Phase Jitter:
(12kHz to 20MHz)
Period Jitter:
(RMS)
Period Jitter:
(peak to peak)
JITTER
(155.520MHz)
7 x 5 x 1.8mm 6 pad SMD
750kHz to 800.0MHz


Similar Part No. - HDW576

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HDW5761 MERCURY-HDW5761 Datasheet
120Kb / 1P
Tri-state function available on pad No. 1.
HDW5762 MERCURY-HDW5762 Datasheet
120Kb / 1P
Tri-state function available on pad No. 2.
More results

Similar Description - HDW576

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G576 EUROQUARTZ-G576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm 6 pad SMD
GDF576 EUROQUARTZ-GDF576 Datasheet
225Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GDW576 EUROQUARTZ-GDW576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GF576 EUROQUARTZ-GF576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm 6 pad SMD
GPA576 EUROQUARTZ-GPA576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GPF576 EUROQUARTZ-GPF576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GPW576 EUROQUARTZ-GPW576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm SMD VCXO
GV576 EUROQUARTZ-GV576 Datasheet
226Kb / 1P
7 x 5 x 1.8mm 6 pad SMD
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
7 x 5 x 1.8mm 6 pad SMD
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
7 x 5 x 1.8mm SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com