Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTQF Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # HTQF
Description  Specification Low Jitter Oscillators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

HTQF Datasheet(HTML) 1 Page - EUROQUARTZ limited

  HTQF Datasheet HTML 1Page - EUROQUARTZ limited HTQF Datasheet HTML 2Page - EUROQUARTZ limited HTQF Datasheet HTML 3Page - EUROQUARTZ limited HTQF Datasheet HTML 4Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
'HTQF' Specification Low Jitter Oscillators
'HTQF' series oscillators have been developed as a precision
frequency control component, providing a CMOS output clock
oscillator with low current consumption, wide operating frequency
range and an integrated phase jitter performance of 1.0ps r.m.s. The
part is available in two industry-standard packages, 7 x 5mm SMD
and 5 x 3.2mm SMD.
Low jitter <1.0ps phase jitter
Wide frequency Range 10.0MHz to 245.0MHz
Very quick delivery leadtime
Low supply current <18mA at 50MHz
Supply voltage range 2.5V or 3.3Volts
Tristate function to conserve power
FEATURES
Output Logic Type:
LVCMOS / LVTTL
Frequency Range:
10.0MHz to 245.0MHz
Load:
15pF
Power Supply Voltage:
2.5±5%VDC or +3.3±10%VDC
Output Voltage 'HIGH':
0.9*VDD minimum
Output Voltage 'LOW':
0.1*VDD maximum
Frequency Stability:
±50ppm over -40° to +85°C*
Duty Cycle:
50%±2%
Rise Time:
300ps minimum**
Fall Time:
600ps maximum**
Current Consumption @+2.5VDD
10.000MHz:
15mA
50.000MHz:
18mA
100.00MHz:
22mA
150.00MHz:
24mA
200.00MHz:
28mA
245.00MHz:
31mA
Current Consumption @+3.3VDD
10.000MHz:
17mA
50.000MHz:
20mA
100.00MHz:
24mA
150.00MHz:
28mA
200.00MHz:
33mA
250.00MHz:
37mA
Current with output disabled: 16mA typical
Start-up Time:
10ms maximum
Ageing:
±2ppm max., first year, ±10ppm
max. over 10 years.
OE Control on Pad 1
Enable:
0.7% VDD min., or no connection
Disable:
0.3%VDD max., (high impedance).
Output Enable Time:
200ns max.
Output Disable Time:
50ns max.
Phase Jitter r.m.s.:
1.0ps typical (12kHz to 20MHz)
Phase Jitter r.m.s.:
100fs (1.875MHz to 20MHz)
GENERAL SPECIFICATION
QF Series CMOS Oscillators
DESCRIPTION
10MHz to 245MHz
('536' package displayed)
Notes:
Example:
25HTQF536E-100.00
PART NUMBERING
Supply Voltage
25 = 2.5 Volts
3 = 3.3 Volts
Series/Model
'HTQF' = QF series,
HCMOS output
Package
536 = 5.0mm x 3.2mm
576 = 7.0mm x 5.0mm
Temperature Stability
'E' = ±50ppm over -40° to +85°C
Frequency in MHz
Page 1 of 4


Similar Part No. - HTQF

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HTQF5361 MERCURY-HTQF5361 Datasheet
140Kb / 1P
1.0 pS phase jitter ( typical )
logo
Rohm
HTQFP100V ROHM-HTQFP100V Datasheet
92Kb / 2P
HTQFP100V
HTQFP64V ROHM-HTQFP64V Datasheet
43Kb / 2P
LSI Assembly
More results

Similar Description - HTQF

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQLXO-2000 EUROQUARTZ-EQLXO-2000 Datasheet
70Kb / 1P
HIGH SPECIFICATION OSCILLATORS
EQXOPL-2000 EUROQUARTZ-EQXOPL-2000 Datasheet
82Kb / 1P
Low Jitter 8 pin Dual-in-Line Programmable Oscillators
HDQN EUROQUARTZ-HDQN Datasheet
461Kb / 4P
Specification Low Jitter Oscillators
HPQF EUROQUARTZ-HPQF Datasheet
495Kb / 4P
Specification Low Jitter Oscillators
HPQN EUROQUARTZ-HPQN Datasheet
464Kb / 4P
Specification Low Jitter Oscillators
HTQN EUROQUARTZ-HTQN Datasheet
437Kb / 4P
Specification Low Jitter Oscillators
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C64M16D3 ALSC-1GB-AUTO-AS4C64M16D3 Datasheet
2Mb / 86P
Supports JEDEC clock jitter specification
2GB-AUTO-AS4C128M16D3L ALSC-2GB-AUTO-AS4C128M16D3L Datasheet
1Mb / 83P
Supports JEDEC clock jitter specification
4GB-DDR3L-AS4C256M16D3L ALSC-4GB-DDR3L-AS4C256M16D3L Datasheet
2Mb / 89P
Supports JEDEC clock jitter specification
logo
MICORO CRYSTAL SWITZERL...
MCSO6F MICROCRYSTAL-MCSO6F_17 Datasheet
280Kb / 2P
Low Jitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com