Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHTAT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # LHTAT
Description  Leaded High Temperature/High Shock
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

LHTAT Datasheet(HTML) 1 Page - EUROQUARTZ limited

  LHTAT Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
For applications with high operating temperatures such as downhole
instrumentation, rotary shaft sensors and underground boring tools.
Supply Voltage:
+3.3 ±10%
Calibration Tolerance:
±50ppm or tighter as reqd.
Frequency Stability
25° ~ +150°C:
±100ppm
25° ~ +175°C:
±150ppm
25° ~ +200°C:
±175ppm
Total Tolerance:
±200ppm for 25° to 200°C
Supply Current (Typical)
24MHz:
3.0mA
32MHz:
5.0mA
50MHz:
6.0mA
Output Load (CMOS):
15pF
Start-up Time:
5ms max.
Rise/Fall Time:
10ns typical
Duty Cycle:
60/40%
Ageing first year:
±5ppm max. at 25°C
Ageing:
±100ppm max. at 200°C
Shock Survival
Standard:
5,000g, 0.3ms, ½ sine
HG version:
30,000g, 0.3ms, ½ sine
Vibration Survival:
20g, 10~2000Hz swept sine
Operating Temp. Range:
-55°C to 225°C
SPECIFICATION
FEATURES
High temperature operation up to 200°C
Excellent stability over temperature
High shock resistance
CMOS output
Through-hole leaded package - reduces mounting stress
Robust lead attach-eutectic brazing process
Gold plated Kovar leads
LHTAT oscillators have two enable/disable options, designated E &
N. The E version has a tristate output and stops oscillating internally
when the output is placed in a high Z state. The N version does not
have the control pin, Pin1, connected internally so there is no
enable/disable function with this option.
LHTAT OSCILLATORS
HOW TO ORDER LHTAT OSCILLATORS
LHTAT
4
A
E
SM1
-
20.0M
–
/
–
/ 200 /
H
Enable/Disable
option E or N
Terminations
Blank = SM1 = Gold plated
SM5 = Solder dipped
(lead free)
Frequency
M = MHz
k = kHz
Calibration
Tolerance
at 25°C
(in ±ppm)
Total
Frequency
Tolerance
(±ppm)
Temp. Range
H = 25° to 200°C
S = customer
specified temp.
range
Leaded High Temperature/High Shock
Shock Level
A = 5000g
B = 10000g
C = 20000g
D = 30000g
ENABLE/DISABLE OPTIONS (E/N)
Supply Voltage
4 = 3.3V
Frequency
Stability
over
temperature
range
(in ±ppm)
OUTLINE & DIMENSIONS
320kHz to 50MHz
ENABLE/DISABLE OPTION E - FUNCTION TABLE
Enable (Pin1 High*)
Disable (Pin 1 Low)
Output
Frequency Output
High Z state
Oscillator
Oscillates
Stops
Current
Normal
Very low
PACKAGING
LHTAT oscillators are supplied tube packed.
Supply Voltage:
-0.5V to +4.0V
Maximum Process Temperature:
260°C for 20 seconds
Storage Temperature:
-55° to +125°C
ABSOLUTE MAXIMUM RATINGS
50
/
175
/
-
/
H
OR
Calibration
Tolerance
at 25°C
(in ±ppm)
Total
Frequency
Tolerance
(±ppm)
Temp. Range
H = 25° to 200°C
S = customer
specified temp.
range
Frequency
Stability
over temp.
range
(in ±ppm)


Similar Part No. - LHTAT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LHTAT STATEK-LHTAT Datasheet
146Kb / 2P
HIGH TEMPERATURE OSCILLATOR
logo
IQD Frequency Products ...
LHTAT-3.3V IQD-LHTAT-3.3V Datasheet
239Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - LHTAT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMHT STATEK-CXOMHT Datasheet
110Kb / 2P
High Temperature/High Stability/Fast Start-up/High Shock
logo
HolyStone International
HXX HOLYSTONECAPS-HXX Datasheet
262Kb / 3P
High Temperature Radial Leaded Capacitors
logo
STATEK CORPORATION
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
LHGAT STATEK-LHGAT Datasheet
209Kb / 2P
Leaded Military Grade/High Shock
logo
EUROQUARTZ limited
CXOXHT EUROQUARTZ-CXOXHT Datasheet
137Kb / 1P
High Temperature/High Shock
logo
AVX Corporation
VR15AT18A650RTR2 AVX-VR15AT18A650RTR2 Datasheet
145Kb / 2P
Radial Leaded High Temperature Automotive
logo
Vishay Siliconix
TJ3-HT VISHAY-TJ3-HT_12 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_12 Datasheet
147Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ3-HT VISHAY-TJ3-HT_17 Datasheet
149Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
TJ5-HT VISHAY-TJ5-HT_V01 Datasheet
130Kb / 5P
Toroid, High Current, High Temperature, Radial Leaded
09-Mar-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com