Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWCX1 Datasheet(PDF) 2 Page - EUROQUARTZ limited

Part # SWCX1
Description  Radiation-Resistant Miniature Crystals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

SWCX1 Datasheet(HTML) 2 Page - EUROQUARTZ limited

  SWCX1 Datasheet HTML 1Page - EUROQUARTZ limited SWCX1 Datasheet HTML 2Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
HOW TO ORDER SWCX1 SWEPT CRYSTALS
SWCX1 - S
-
S
- C
-
SM1 - 20.0M , 100
/ 100 / –
/
I
Screening per
option code:
S = Space
M = Military
E = Engineering
'S' for
special or
custom
design
Leaded
03
Surface Mount
SM1
SM2
SM3
Frequency
M = MHz
Calibration
Tolerance
@25°C
(in ppm)*
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Frequency
Stability over
temperature
(in ppm)*
SWCX1 SWEPT QUARTZ CRYSTALS
Radiation-Resistant Miniature Crystals
8MHz to 250MHz
Swept
Quartz
Crystal
'C' =
Ceramic
Lid
Code
Item
Method
Comments
S
M
E
X
X
X
Made with swept quartz
X
X
Internal visual (pre-seal)
Company internal standard
X
PIND testing
MIL-STD-883 Method 2020 Cond. A
Performed in both width and thickness
directions
X
Radiographic inspection
MIL-STD-202 Method 209
X
X
Unwanted modes
MIL-PRF-3098
Spurious mode ratio 2:1 or greater
X
X
Low temperature storage
MIL-PRF-3098
Resistance must meet specification at this
low temperature.
X
X
Frequency and resistance over
operating temperature range
MIL-PRF-3098
Measure every 2.5 degree C or tighter
over operating temperature range;
frequency and resistance must meet
specification.
X
X
X
Accelerated ageing
105 degree C for a minimum of 160 hours
Frequency and resistance must meet
specification after ageing; maximum
allowed change in series frequency 5ppm
X
X
X
Seal test (fine leak)
MIL-STD-883 Method 1014 Cond. A1
X
X
X
Seal test (gross leak)
MIL-STD-883 Method 1014 Cond. C
X
X
X
External visual (post seal)
Company internal standard
Page 2 of 2
STANDARD TESTS AND SCREENING OPTIONS
Notes:
S: for space-based applications.
M: for military appl.ications (MIL-PRF-3098)
E: For engineering prototypes and applications not
requiring additional screening.
-
/
-
/ 200 /
I
Or:
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
Total
frequency
tolerance
(ppm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com