Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5GAS10 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 5GAS10
Description  Lower Voltage Disc Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

5GAS10 Datasheet(HTML) 2 Page - Vishay Siliconix

  5GAS10 Datasheet HTML 1Page - Vishay Siliconix 5GAS10 Datasheet HTML 2Page - Vishay Siliconix 5GAS10 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
19
GA, HK, HM, HY, TC, TG, TS Series
Vishay Cera-Mite
Document Number: 23091
Revision 14-May-02
ceramite.support@vishay.com
Lower Voltage Disc Capacitors
VALUE
CATALOG
SIZE
TEMP.
pF
TOL. NUMBER
FIG.
CODE
COEF.
1000
K
5TSD10
3
E
X7R
1000
M 5TSSD10
3
C
Y5U
1500
K
5TSD15
3
F
X7R
2200
K
5TSD22
3
F
X7R
3300
K
5TSD33
1
G
X7R
4700
K
5TSD47
1
H
X7R
5000
Z
5TSD50
1
F
Z5U
VALUE CATALOG
SIZE
pF
NUMBER
FIG. CODE
47
10TCCQ47
1
G
50
10TCCQ50
1
G
56
10TCCQ56
1
G
68
10TCCQ68
1
H
82
10TCCQ82
1
H3
100
10TCCT10
1
J
120
10TCCT12
1
J
150
10TCCT15
1
K
180
10TCCT18
1
L
220
10TCCT22
1
M
270
10TCCT27
1
P
VALUE CATALOG
SIZE
pF*
NUMBER
FIG. CODE
1.0 10TCCV10
3
C
2.2 10TCCV22
3
C
2.7 10TCCV27
3
C
3.0 10TCCV30
3
C
3.3 10TCCV33
3
C
3.9 10TCCV39
3
C
4.7 10TCCV47
3
C
5.0 10TCCV50
3
C
5.6 10TCCV56
3
C
6.8 10TCCV68
3
C
8.2
10TCCV82
3
C
VALUE CATALOG
SIZE
pF
NUMBER FIG. CODE
10
10TCCQ10
3
C
12
10TCCQ12
3
C
15
10TCCQ15
3
C
18
10TCCQ18
3
E
20
10TCCQ20
3
E
22
10TCCQ22
3
E
25
10TCCQ25
3
E
27
10TCCQ27
3
F
30
10TCCQ30
3
F
33
10TCCQ33
3
F
39
10TCCQ39
3
F
VALUE CATALOG
SIZE
TEMP.
pF
NUMBER FIG. CODE COEF.
N750/S3L Disc Capacitors
33
10TCUQ33
3
E
U
47
10TCUQ47
3
E
U
68
10TCUQ68
3
F
U
100
10TCUT10
3
F
U
220
10TCUT22
1
G
V
330
10TCUT33
1
H
V
470
10TCUT47
1
J
V
560
10TCUT56
1
J
V
680
10TCUT68
1
K
Y
1000
10TCUD10
1
L
Y
VALUE CATALOG
SIZE
TEMP.
pF
NUMBER FIG. CODE COEF.
10 10TSQ10 3
C
NP0
25 10TSQ25 3
E
NP0
27 10TSQ27 3
C
U2J
30 10TSQ30 3
C
U2J
33 10TSQ33 3
E
U2J
39 10TSQ39 3
E
U2J
47 10TSQ47 3
E
U2J
50 10TSQ50 3
E
U2J
56 10TSQ56 3
C
X5F
68 10TSQ68 3
C
X5F
VALUE CATALOG
SIZE
TEMP.
pF
NUMBER FIG . CODE COEF.
75
10TSQ75 3
C
X5F
82
10TSQ82 3
C
X5F
100
10TST10 3
C
X5F
120
10TST12 3
C
X5F
150
10TST15 3
C
X5F
180
10TST18 3
C
X5F
200
10TST20 3
C
X5F
220
10TST22 3
C
X5F
250
10TST25 3
C
X5F
VALUE CATALOG
SIZE
TEMP.
pF
NUMBER
FIG. CODE
COEF.
270 10TST27 3
C
X5F
300 10TST30 3
C
X5F
330 10TST33 3
C
X5F
390 10TST39 3
C
X5F
470 10TST47 3
C
X5F
500 10TST50 3
C
X5F
560 10TST56 3
E
X5F
680 10TST68 3
E
X5F
750 10TST75 3
E
X5F
VALUE CATALOG
SIZE
TEMP.
pF
NUMBER
FIG. CODE COEF.
820 10TST82
3
E
X5F
1000 10TSD10
3
E
X5F
1500 10TSD15
1
G
X5F
2000 10TSD20
1
H3
X5F
2200 10TSD22
1
H3
X5F
2700 10TSD27
1
J
X5F
3300 10TSD33
1
J
X5F
4700 10TSD47
1
L
X5F
.01µF 10TSS10
1
L
X5S
VALUE
CATALOG
SIZE
TEMP.
µF
TOL. NUMBER
FIG. CODE
COEF.
.0068
K
5TSD68
1
H
X7S
.01
K
5TSS10
1
J
X7S
.01
M
5GASS10
1
G
Z5U
.01
Z
5HKSS10
1
G
Z5U
.02
M
5GASS20
1
J
Z5U
.022
M
5TSS22
1
L
X7S
.033
M
5TSS33
1
X
X7S
VALUE
CATALOG
SIZE
TEMP.
µF
TOL.
NUMBER
FIG.
CODE COEF.
.05
M
5GAS50
1
P
Z5U
.05
Z
5HKS50
1
T
Z5U
.10
M
5GAP10
1
X
Z5U
.10
Y
5HKSP10
1
Q
Y5V
.10
Z
5HKP10
1
X
Z5U
.15
Y
5GAP15
1
Y
Z5U
.20
M
5GAP20
1
Q
Z5U
VALUE
CATALOG
SIZE
TEMP.
pF
TOL. NUMBER
FIG.
CODE COEF.
10
M
5GAQ10
3
C
NP0
20
M
5GAQ20
3
C
NP0
33
M
5GAQ33
3
E
U2J
47
M
5GAQ47
3
E
U2J
100
M
5GAT10
3
C
X5F
150
M
5GAT15
3
C
X5F
200
M
5GAT20
3
C
X5F
220
M
5GAT22
3
C
X5F
330
M
5GAT33
3
C
X5F
470
M
5GAT47
3
C
X5F
500
M
5GAT50
3
C
X5F
VALUE
CATALOG
SIZE
TEMP.
pF
TOL. NUMBER FIGURE CODE
COEF.
5000
M
5GAD50
1
F
Z5U
6800
M
5GAD68
1
G
Z5U
8200
M
5GAD82
1
G
Z5U
0.01
µF M 5GAS10
1
H3
Z5U
.01
M 5HKMS10
1
H
Z5U
.01
P
5HKS10
1
H3
Z5U
.015
M
5GAS15
1
J
Z5U
.020
M
5GAS20
1
L
Z5U
.050
M
10HKS50
1
X
Z5U
.10
M 10GAP10
1
Q
Z5U
.15
M 10GAP15
1
Q
Y5V
VALUE
CATALOG
SIZE
TEMP.
pF
TOL.
NUMBER
FIG.
CODE
COEF.
1000
M
5GAD10
3
E
X7R
1000
P
5HKD10
3
E
Y5U
1200
M
5GAD12
3
E
Z5U
1500
M
5GAD15
3
E
Z5U
2000
M
5GAD20
3
E
Z5U
2200
M
5GAD22
3
E
Z5U
2500
M
5GAD25
3
E
Z5U
2700
M
5GAD27
3
E
Z5U
3000
M
5GAD30
3
E
Z5U
3300
M
5GAD33
3
E
Z5U
4700
M
5GAD47
1
F
Z5U
500 VOLT GENERAL PURPOSE
• Application Range:
Up to 600 VDC, 100 VAC RMS**
• Insulation Resistance: 15,000 M
Ωminimum, 750ΩF
• Dissipation Factor: 3.0% maximum
1000 VOLT GENERAL PURPOSE
• Application Range:
Up to 1000 VDC, 150 VAC RMS**
• Insulation Resistance: 20,000 M
Ω minimum, 1000ΩF
• Dissipation Factor: 2.5% maximum
562C Series
• Dielectric Strength:
2500 VDC, 500 VAC RMS
1KV TEMP. & VOLTAGE STABILIZED, 10% TOL.
• Application Range:
Up to 1250 VDC, 200 VAC RMS**
• Insulation Resistance: 50,000 M
Ωminimum, 1000ΩF
• Dissipation Factor: 2.0% maximum
562C Series
• Dielectric Strength:
2500 VDC, 750 VAC RMS
1KV NPO/N750 PRECISION DISC CAPACITORS, 5% TOL
• Application Range:
Up to 1500 VDC, 300 VAC RMS**
• dv/dt up to 10,000 V/usec
• Insulation Resistance: 100,000 M
Ωminimum, 1000ΩF
• Dielectric Strength: 2500 VDC, 750 VAC RMS
• High Q: 1000, Dissipation Factor: 0.1% max
561C Series
Temperature/Frequency/Voltage Stable
•
Application: NP0 capacitors are used when the
ultimate in stability is required
• N750/S3L are smaller & ideal for “lossless snubbers”.
562C Series
• Dielectric Strength:
1500 VDC, 300 VAC RMS
*1.0 to 10pF are D tolerance
**See “Application Data” section for limits on AC voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com