Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3618 Datasheet(PDF) 21 Page - Linear Integrated Systems

Part # LTC3618
Description  Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3618 Datasheet(HTML) 21 Page - Linear Integrated Systems

Back Button LTC3618 Datasheet HTML 16Page - Linear Integrated Systems LTC3618 Datasheet HTML 17Page - Linear Integrated Systems LTC3618 Datasheet HTML 18Page - Linear Integrated Systems LTC3618 Datasheet HTML 19Page - Linear Integrated Systems LTC3618 Datasheet HTML 20Page - Linear Integrated Systems LTC3618 Datasheet HTML 21Page - Linear Integrated Systems LTC3618 Datasheet HTML 22Page - Linear Integrated Systems LTC3618 Datasheet HTML 23Page - Linear Integrated Systems LTC3618 Datasheet HTML 24Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC3618
21
3618fb
FE Package
24-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1771 Rev B)
Exposed Pad Variation AA
FE24 (AA) TSSOP REV B 0910
0.09 – 0.20
(.0035 – .0079)
0 – 8
0.25
REF
RECOMMENDED SOLDER PAD LAYOUT
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
13
4
5
6 7 8
9 10 11 12
14 13
7.70 – 7.90*
(.303 – .311)
3.25
(.128)
2.74
(.108)
20
21
22
23
24
19 18 17 16 15
1.20
(.047)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.195 – 0.30
(.0077 – .0118)
TYP
2
2.74
(.108)
0.45 0.05
0.65 BSC
4.50 0.10
6.60 0.10
1.05 0.10
3.25
(.128)
MILLIMETERS
(INCHES)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
SEE NOTE 4
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
6.40
(.252)
BSC
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com