Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTS-5003AWC Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTS-5003AWC
Description  0.56 Seven-Segment Numeric LED Display
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS-5003AWC Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTS-5003AWC Datasheet HTML 1Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 2Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 3Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 4Page - Lite-On Technology Corporation LTS-5003AWC Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
9-154
Pin No.
Connection
E.LTC-5653X-01
F.LTC-5753X-01
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Cathode E
Cathode D
Cathode D.P.
Cathode C
Cathode G
Common Anode (Digit 4)
Cathode B
Common Anode (Digit 3)
Common Anode (Digit 2)
Cathode F
Cathode A
Common Anode (Digit 1)
Anode E
Anode D
Anode D.P.
Anode C
Anode G
Common Cathode (Digit 4)
Anode B
Common Cathode (Digit 3)
Common Cathode (Digit 2)
Anode F
Anode A
Common Cathode (Digit 1)
Internal Circuit Diagrams
A.LTS-5X01A
B.LTS-5X03A
C.LTD-5X21A
D.LTD-5X23A
E.LTC-5653X-01
F.LTC-5753X-01
Absolute Maximum Rating at Ta=25
Unit
Power Dissipation Per Segment
Peak Forward Current Per Segment
(1/10 Duty Cycle, 0.1ms Pulse Width)
Continuous Forward Current Per Segment
Derating Linear from 25
Per Segment
Reverse Voltage Per Segment
Operating Temperature Range
Stroage Temperature Range
Solder Temperature 1/16 Inch Below Seating Plane for 3 Seconds at 260
mW
mA
mA
mA/
V
-35
to +85
-35
to +85
Parameter
AlGaAs Red
Bright
Red
Green
Yellow
Red
Orange
75
125
30
0.4
5
40
60
15
0.2
5
75
100
25
0.33
5
60
80
20
0.27
5
75
100
25
0.33
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com