Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX4088 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX4088
Description  Incorporates an IC chip with a built-in detector element and amplifier.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX4088 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX4088 Datasheet HTML 1Page - Omron Electronics LLC EE-SX4088 Datasheet HTML 2Page - Omron Electronics LLC EE-SX4088 Datasheet HTML 3Page - Omron Electronics LLC EE-SX4088 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
186
Photomicrosensor (Transmissive)
EE-SX3081/-SX4081
■ Engineering Data
Note: The values in the parentheses apply to the EE-SX4081.
2.1 mm
0.5 mm
0.5 mm
Disk
Input
Output
Input
Output
EE-SX3081
EE-SX4081
Note: 1.Hysteresis denotes the difference in forward LED
current value, expressed in percentage, calculated
from the respective forward LED currents when the
photo IC in turned from ON to OFF and when the
photo IC in turned from OFF to ON.
2. The value of the response frequency is measured
by rotating the disk as shown below.
3. The following illustrations show the definition of response
delay time. The value in the parentheses applies to the EE-
SX4081.
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
LED Current vs. Supply Voltage
(Typical)
Low-level Output Voltage vs.
Output Current (Typical)
Current Consumption vs. Supply
Voltage (Typical)
Response Delay Time vs. Forward
Current (Typical)
Repeat Sensing Position
Characteristics (Typical)
Distance d (mm)
Center of optical axis
Supply voltage VCC (V)
Supply voltage VCC (V)
Forward current IF (mA)
IFT OFF (IFT ON)
IFT ON (IFT OFF)
VCC = 5 V
IF = 0 mA (15 mA)
IOL = 16 mA
IOL = 5 mA
Ta = 25
°C
IF = 0 mA (15 mA)
VCC = 5 V
RL = 330
Ω
Ta = 25
°C
VOUT
(EE-SX3
@@)
VOUT
(EE-SX4
@@)
Ta = 25
°C
IF = 15 mA
VCC = 5 V
RL = 330
Ω
n = repeat 20 times
d1 = 0.01 mm
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Ta = 25
°C
RL = 1 k
Ω
IF = 0 mA (15 mA)
VCC = 5 V
Ta = 25
°C
IFT OFF (IFT ON)
IFT ON (IFT OFF)
Ambient temperature Ta (
°C)
VCC = 5 V
RL = 330
Ω
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Output current IC (mA)
Ambient temperature Ta (
°C)
Low-level Output Voltage vs. Am-
bient Temperature Characteristics
(Typical)
LED Current vs. Ambient Temper-
ature Characteristics (Typical)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com