Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZP Datasheet(PDF) 2 Page - Okaya Electric America, Inc.

Part # ZP
Description  SURGE PROTECTIVE DEVICES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKAYA [Okaya Electric America, Inc.]
Direct Link  http://www.okayaelec.co.jp/
Logo OKAYA - Okaya Electric America, Inc.

ZP Datasheet(HTML) 2 Page - Okaya Electric America, Inc.

  ZP Datasheet HTML 1Page - Okaya Electric America, Inc. ZP Datasheet HTML 2Page - Okaya Electric America, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
141
ZP, CP, U, B SERIES
SURGE PROTECTIVE DEVICES
* U: Unidirectional, B: Dual-directional,
: Both U and B
Model Number*
B5007
B5008
B5010
5015
5018
U5022
5033
B5036
U5039
B5056
5068
B5082
U5180
VBR (V)
IT (mA)
Breakdown Voltage
6.05
6.63
8.10
12.10
14.50
17.80
26.80
29.16
31.60
45.50
55.10
66.40
146.00
2,000
100
10
VWM (V)
IR (μA)
Standoff Voltage
IPPM (A)
VC (V)
Surge Waveform 8/20μsec
Maximum peak pulse power 44,000W (8/20μsec)
5000 Series
1
10
7.5
8.2
10.0
15.0
18.0
22.0
33.0
36.0
39.0
56.0
68.0
82.0
180.0
2963.0
2819.0
2426.0
1621.0
1352.0
1104.0
737.0
679.0
622.0
434.0
358.0
298.0
135.0
15.1
15.9
18.5
27.6
33.1
40.5
60.7
64.8
71.9
103.0
126.0
150.0
331.0
Model Number*
B3007
B3008
B3010
3015
3018
U3022
3033
B3036
U3039
B3056
3068
B3082
U3180
7.5
8.2
10.0
15.0
18.0
22.0
33.0
36.0
39.0
56.0
68.0
82.0
180.0
VBR (V)
IT (mA)
Breakdown Voltage
2,000
100
10
VWM (V)
IR (μA)
Standoff Voltage
IPPM (A)
VC (V)
Surge Waveform 8/20μsec
Maximum peak pulse power 34,000W (8/20μsec)
3000 Series
6.05
6.63
8.10
12.10
14.50
17.80
26.80
29.16
31.60
45.50
55.10
66.40
146.00
14.7
15.4
19.8
29.7
35.6
43.6
63.5
71.0
77.2
111.0
135.0
162.0
356.0
* U: Unidirectional, B: Dual-directional,
: Both U and B
1
10
2313.0
2208.0
1717.0
1145.0
955.0
780.0
521.0
478.0
440.0
307.0
252.0
210.0
96.0
Model Number*
U2006
B2007
B2008
B2010
B2012
2018
2022
B2027
2033
2039
2047
B2056
B2068
B2082
B2100
B2150
2180
B2220
B2250
B2300
B2400
6.8
7.5
8.2
10.0
12.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
150.0
180.0
220.0
250.0
300.0
400.0
10
VBR (V)
IT (mA)
Breakdown Voltage
1
5.50
6.05
6.63
8.10
9.72
14.50
17.80
21.80
26.80
31.60
38.10
45.50
55.10
66.40
81.00
121.00
146.00
175.00
202.00
243.00
324.00
2,000
1,000
400
20
5
VWM (V)
IR (μA)
Standoff Voltage
1343.0
1241.0
1161.0
968.0
829.0
554.0
458.0
373.0
305.0
258.0
214.0
180.0
148.0
123.0
101.0
68.0
57.0
46.5
40.7
34.0
25.5
IPPM (A)
VC (V)
Surge Waveform 8/20μsec
Maximum peak pulse power 18,000W (8/20μsec)
2000 Series
* U: Unidirectional, B: Dual-directional,
: Both U and B
13.4
14.5
15.5
18.6
21.7
32.5
39.3
48.3
59.0
69.7
84.0
100.0
121.0
146.0
178.0
265.0
317.0
388.0
442.0
529.0
706.0
RSSA
ABD
(Avalanche Breakdown Diode)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com