Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152 Datasheet(PDF) 1 Page - Dc Components

Part # DB152
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DB152 Datasheet(HTML) 1 Page - Dc Components

  DB152 Datasheet HTML 1Page - Dc Components DB152 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Good for automation insertion
* Surge overload rating - 50 Amperes peak
* Ideal for printed circuit board
* Reliable low cost construction
* Glass passivated junction
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB151
THRU
DB157
Dimensions in inches and (millimeters)
DB-1
I
2t Rating for Fusing (t<8.3ms)
I
2t
10
A
2Sec
Typical Junction Capacitance ( Note1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
R
θJA
40
0C/W
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
1.5
60
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
DB151
DB153
DB154
DB152
DB155
DB156
DB157
50
200
400
100
600
800
1000
Operating and Storage Temperature Range
T J,TSTG
-65 to + 150
0C
DC Blocking Voltage per element
VF
IR
1.1
500
uAmps
Maximum Forward Voltage Drop per element at 1.0A DC
Volts
@TA = 25
oC
@TA = 125
oC
10
Maximum DC Reverse Current at Rated
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 1.5 Ampere
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Symbols molded or marked on body
* Mounting position: Any
* Weight: 0.4 gram
186
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - DB152

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB152 SURGE-DB152 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB152 RECTRON-DB152 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Formosa MS
DB152 FORMOSA-DB152 Datasheet
34Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
DB152 FORMOSA-DB152 Datasheet
62Kb / 2P
SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB152 BILIN-DB152 Datasheet
69Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB152

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com