Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP7N60PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP7N60PM
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP7N60PM Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP7N60PM Datasheet HTML 1Page - IXYS Corporation IXTP7N60PM Datasheet HTML 2Page - IXYS Corporation IXTP7N60PM Datasheet HTML 3Page - IXYS Corporation IXTP7N60PM Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS99950(06/08)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
600
V
V
GS(th)
V
DS = VGS, ID = 100μA
3.0
5.5 V
I
GSS
V
GS = ±30V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
5
μA
V
GS = 0V
T
J = 125°C
50
μA
R
DS(on)
V
GS = 10V, ID = 3.5A, Note 1
1.1
Ω
PolarTM Power MOSFET
(Electrically Isolated Tab)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
600
V
V
DGR
T
J
= 25°C to 150°C, R
GS = 1 MΩ
600
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
4
A
I
DM
T
C = 25°C, pulse width limited by TJM
14
A
I
A
T
C = 25°C
7
A
E
AS
T
C = 25°C
400
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ =150°C
10
V/ns
P
D
T
C = 25°C
41
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
2.5
g
G = Gate
D = Drain
S = Source
Features
Plastic overmolded tab for electrical
isolation
International standard package
Avanlanche rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor drives
Uninterruptible power supplies
High speed power switching
applications
OVERMOLDED TO-220
(I
XTP...M) OUTLINE
G
D S
Isolated Tab
V
DSS
= 600V
I
D25
= 4A
R
DS(on) ≤
≤≤≤≤ 1.1
Ω
Ω
Ω
Ω
Ω
IXTA7N60PM
IXTP7N60PM
Preliminary Technical Information


Similar Part No. - IXTP7N60PM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP7N60PM ISC-IXTP7N60PM Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP7N60PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTN62N50L IXYS-IXTN62N50L Datasheet
136Kb / 2P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTJ4N150 IXYS-IXTJ4N150 Datasheet
160Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH34N60X2A IXYS-IXFH34N60X2A Datasheet
175Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH60N60X2A IXYS-IXFH60N60X2A Datasheet
156Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFT30N85XHV IXYS-IXFT30N85XHV Datasheet
263Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F160N30T IXYS-MMIX1F160N30T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F180N25T IXYS-MMIX1F180N25T Datasheet
230Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
MMIX1F230N20T IXYS-MMIX1F230N20T Datasheet
231Kb / 7P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFK150N30P3 IXYS-IXFK150N30P3 Datasheet
131Kb / 5P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXFH80N65X2-4 IXYS-IXFH80N65X2-4 Datasheet
188Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com