Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3583 Datasheet(PDF) 1 Page - NEC

Part # 2SC3583
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC3583 Datasheet(HTML) 1 Page - NEC

  2SC3583 Datasheet HTML 1Page - NEC 2SC3583 Datasheet HTML 2Page - NEC 2SC3583 Datasheet HTML 3Page - NEC 2SC3583 Datasheet HTML 4Page - NEC 2SC3583 Datasheet HTML 5Page - NEC 2SC3583 Datasheet HTML 6Page - NEC 2SC3583 Datasheet HTML 7Page - NEC 2SC3583 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
SILICON TRANSISTOR
2SC3583
MICROWAVE LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. P10360EJ4V1DS00 (4th edition)
Date Published March 1997 N
Printed in Japan
1984
©
DESCRIPTION
The 2SC3583 is an NPN epitaxial silicon transistor designed for use in
low-noise and small signal amplifiers from VHF band to UHF band. Low-
noise figure, high gain, and high current capability achieve a very wide
dynamic range and excellent linearity. This is achieved by direct nitride
passivated base surface process (DNP process) which is an NEC
proprietary new fabrication technique.
FEATURES
• NF
1.2 dB TYP.
@f = 1.0 GHz
• Ga
13 dB TYP.
@f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
65
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
65 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 1 V, IE = 0
DC Current Gain
hFE *
50
100
250
VCE = 8 V, IC = 20 mA
Gain Bandwidth Product
fT
9
GHz
VCE = 8 V, IC = 20 mA
Feed-Back Capacitance
Cre **
0.35
0.9
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
11
13
dB
VCE = 8 V, IC = 20 mA, f = 1.0 GHz
Maximum Available Gain
MAG
15
dB
VCE = 8 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.2
2.5
dB
VCE = 8 V, IE = 7 mA, f = 1.0 GHz
*
Pulse Measurement PW
 350 s, Duty Cycle  2 %
** The emitter terminal and the case shall be connected to the gurad terminal of the three-terminal capacitance bridge.
hFE Classification
Class
R33/Q *
R34/R *
R35/S *
Marking
R33
R34
R35
hFE
50 to 100
80 to 160
125 to 250
* Old Specification / New Specification
PACKAGE DIMENSIONS
(Units: mm)
1.5
2
1
3
Marking
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector
2.8±0.2
0.65
+0.1
−0.15


Similar Part No. - 2SC3583

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3583 KEXIN-2SC3583 Datasheet
40Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
2SC3583 CEL-2SC3583 Datasheet
1Mb / 5P
MICROWAVE LOW NOISE AMPLIFIER
logo
Inchange Semiconductor ...
2SC3583 ISC-2SC3583 Datasheet
300Kb / 6P
Low Noise and High Gain
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583_15 Datasheet
321Kb / 10P
SILICON TRANSISTOR
More results

Similar Description - 2SC3583

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2148 NEC-2SC2148 Datasheet
52Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
2SC3582 NEC-2SC3582 Datasheet
99Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4536 NEC-2SC4536 Datasheet
60Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4094 RENESAS-2SC4094 Datasheet
323Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Leshan Radio Company
L2SC3357 LRC-L2SC3357 Datasheet
309Kb / 2P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC2148 RENESAS-2SC2148 Datasheet
180Kb / 10P
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
August 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com