Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AF52AATAY Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM8AF52AATAY
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF52AATAY Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM8AF52AATAY Datasheet HTML 33Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 34Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 35Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 36Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 37Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 38Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 39Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 40Page - STMicroelectronics STM8AF52AATAY Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
DocID14395 Rev 10
37/114
STM8AF52/62xx, STM8AF51/61xx
Pinouts and pin description
113
50 41 33 23
-
PC6/SPI_MOSI
(2)
I/O X
XX
— O3
X
X
Port C6
SPI master
out/
slave in
—
51 42 34 24
-
PC7/SPI_MISO
(2)
I/O X
XX
— O3
X
X
Port C7
SPI master
in/ slave
out
—
52 43 35
-
23
PG0/CAN_TX
I/O X
X—
— O1
X
X Port G0
CAN
transmit
—
53 44 36
-
24
PG1/CAN_RX
I/O X
X—
— O1
X
X Port G1
CAN
receive
—
54 45
-
-
-
PG2
I/O X
X—
— O1
X
X Port G2
——
55 46
-
-
-
PG3
I/O X
X—
— O1
X
X Port G3
——
56 47
-
-
-
PG4
I/O X
X—
— O1
X
X Port G4
——
57 48
-
-
-
PI0
I/O X
X—
— O1
X
X
Port I0
——
58
-
-
-
-
PI1
I/O X
X—
— O1
X
X
Port I1
——
59
-
-
-
-
PI2
I/O X
X—
— O1
X
X
Port I2
——
60
-
-
-
-
PI3
I/O X
X—
— O1
X
X
Port I3
——
61
-
-
-
-
PI4
I/O X
X—
— O1
X
X
Port I4
——
62
-
-
-
-
PI5
I/O X
X—
— O1
X
X
Port I5
——
63 49
-
-
-
PG5
I/O X
X—
— O1
X
X Port G5
——
64 50
-
-
-
PG6
I/O X
X—
— O1
X
X Port G6
——
65 51
-
-
-
PG7
I/O X
X—
— O1
X
X Port G7
——
66 52
-
-
-
PE4
I/O X
XX
— O1
X
X
Port E4
——
67 53 37
-
-
PE3/TIM1_BKIN I/O X
XX
— O1
X
X
Port E3
Timer 1 -
break input
—
68 54 38
-
-
PE2/I2C_SDA
I/O X
—X
— O1 T(3)
-
Port E2
I2C data
—
69 55 39
-
-
PE1/I2C_SCL
I/O X
—X
— O1 T(3)
-
Port E1
I2C clock
—
70 56 40
-
-
PE0/CLK_CCO I/O X
XX
— O3
X
X
Port E0
Configurab
le clock
output
—
Table 13. STM8A microcontroller family pin description (continued)
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com