Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8AFP52A9 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STM8AFP52A9
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP52A9 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM8AFP52A9 Datasheet HTML 30Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 31Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 32Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 33Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 34Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 35Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 36Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 37Page - STMicroelectronics STM8AFP52A9 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 114 page
background image
Pinouts and pin description
STM8AF52/62xx, STM8AF51/61xx
34/114
DocID14395 Rev 10
Table 13. STM8A microcontroller family pin description
Pin number
Pin name
Input
Output
Main
function
(after
reset)
Default
alternate
function
Alternate
function
after remap
[option bit]
11111
NRST
I/O
-
X
—
—
—
—
—
Reset
—
22222
PA1/OSCIN(1)
I/O X
X—
— O1
X
X
Port A1
Resonator/
crystal in
—
33333
PA2/OSCOUT
I/O X
XX
— O1
X
X
Port A2
Resonator/
crystal out
—
444
-
-
VSSIO_1
S
— —
—
—
—
—
—
I/O ground
—
55544
VSS
S
— —
—
—
—
—
—
Digital ground
—
66655
VCAP
S
— —
—
—
—
—
—
1.8 V regulator
capacitor
—
77766
VDD
S
— —
—
—
—
—
— Digital power supply
—
88877
VDDIO_1
S
— —
—
—
—
—
—
I/O power supply
—
9
9
9
-
-
PA3/TIM2_CH3 I/O X
XX
— O1
X
X
Port A3
Timer 2 -
channel 3
TIM3_CH1
[AFR1]
10 10 10
-
-
PA4/USART_RX I/O X
XX
— O3
X
X
Port A4
USART
receive
—
11 11 11
-
-
PA5/USART_TX I/O X
XX
— O3
X
X
Port A5
USART
transmit
—
12 12 12
-
8 PA6/USART_CK I/O X
XX
— O3
X
X
Port A6
USART
synchro
nous clock
—
13
-
-
-
-
PH0
I/O X
X
— HS O3
X
X
Port H0
——
14
-
-
-
-
PH1
I/O X
X
— HS O3
X
X
Port H1
——
15
-
-
-
-
PH2
I/O X
X—
— O1
X
X
Port H2
——
16
-
-
-
-
PH3
I/O X
X—
— O1
X
X
Port H3
——
17 13
-
-
-
PF7/AIN15
I/O X
X—
— O1
X
X
Port F7
Analog
input 15
—
18 14
-
-
-
PF6/AIN14
I/O X
X—
— O1
X
X
Port F6
Analog
input 14
—
19 15
-
-
-
PF5/AIN13
I/O X
X—
— O1
X
X
Port F5
Analog
input 13
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com