Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151CB Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32L151CB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CB Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32L151CB Datasheet HTML 90Page - STMicroelectronics STM32L151CB Datasheet HTML 91Page - STMicroelectronics STM32L151CB Datasheet HTML 92Page - STMicroelectronics STM32L151CB Datasheet HTML 93Page - STMicroelectronics STM32L151CB Datasheet HTML 94Page - STMicroelectronics STM32L151CB Datasheet HTML 95Page - STMicroelectronics STM32L151CB Datasheet HTML 96Page - STMicroelectronics STM32L151CB Datasheet HTML 97Page - STMicroelectronics STM32L151CB Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
94/131
DocID17659 Rev 9
6.3.17
12-bit ADC characteristics
Unless otherwise specified, the parameters given in Table 54 are guaranteed by design.
Table 53. ADC clock frequency
Symbol Parameter
Conditions
Min
Max
Unit
fADC
ADC clock
frequency
Voltage
Range 1 &
2
2.4 V
≤ VDDA ≤ 3.6 V
VREF+ = VDDA
0.480
16
MHz
VREF+ < VDDA
VREF+ > 2.4 V
8
VREF+ < VDDA
VREF+ ≤ 2.4 V
4
1.8 V
≤ VDDA ≤ 2.4 V
VREF+ = VDDA
8
VREF+ < VDDA
4
Voltage Range 3
4
Table 54. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Power supply
-
1.8
-
3.6
V
VREF+
Positive reference voltage
2.4 V
≤ VDDA ≤ 3.6 V
VREF+ must be below
or equal to VDDA
1.8(1)
-VDDA
V
VREF-
Negative reference voltage
-
-
VSSA
-V
IVDDA
Current on the VDDA input
pin
-
-
1000
1450
µA
IVREF(2)
Current on the VREF input
pin
Peak
400
700
µA
Average
450
µA
VAIN
Conversion voltage range(3)
-0(4)
-VREF+
V
fS
12-bit sampling rate
Direct channels
0.03
-
1
Msps
Multiplexed channels
0.03
-
0.76
10-bit sampling rate
Direct channels
0.03
-
1.07
Msps
Multiplexed channels
0.03
-
0.8
8-bit sampling rate
Direct channels
0.03
-
1.23
Msps
Multiplexed channels
0.03
-
0.89
6-bit sampling rate
Direct channels
0.03
-
1.45
Msps
Multiplexed channels
0.03
-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com