Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151CB Datasheet(PDF) 124 Page - STMicroelectronics

Part # STM32L151CB
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CB Datasheet(HTML) 124 Page - STMicroelectronics

Back Button STM32L151CB Datasheet HTML 120Page - STMicroelectronics STM32L151CB Datasheet HTML 121Page - STMicroelectronics STM32L151CB Datasheet HTML 122Page - STMicroelectronics STM32L151CB Datasheet HTML 123Page - STMicroelectronics STM32L151CB Datasheet HTML 124Page - STMicroelectronics STM32L151CB Datasheet HTML 125Page - STMicroelectronics STM32L151CB Datasheet HTML 126Page - STMicroelectronics STM32L151CB Datasheet HTML 127Page - STMicroelectronics STM32L151CB Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 131 page
background image
Revision history
STM32L151x6/8/B, STM32L152x6/8/B
124/131
DocID17659 Rev 9
9
Revision history
Table 71. Document revision history
Date
Revision
Changes
02-Jul-2010
1
Initial release.
01-Oct-2010
2
Removed 5 V tolerance (FT) from PA3, PB0 and PC3 in Table 8:
STM32L15xxx pin definitions
Updated Table 14: Embedded reset and power control block
characteristics
Updated Table 16: Embedded internal reference voltage
Added Table 53: ADC clock frequency
Updated Table 54: ADC characteristics
16-Dec-2010
3
Modified consumptions on page 1 and in Section 3.1: Low power
modes
LED_SEG8 removed on PB6.
Updated Section 6: Electrical characteristics
VFQFPN48 replaced by UFQFPN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com