Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151C6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32L151C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32L151C6 Datasheet HTML 33Page - STMicroelectronics STM32L151C6 Datasheet HTML 34Page - STMicroelectronics STM32L151C6 Datasheet HTML 35Page - STMicroelectronics STM32L151C6 Datasheet HTML 36Page - STMicroelectronics STM32L151C6 Datasheet HTML 37Page - STMicroelectronics STM32L151C6 Datasheet HTML 38Page - STMicroelectronics STM32L151C6 Datasheet HTML 39Page - STMicroelectronics STM32L151C6 Datasheet HTML 40Page - STMicroelectronics STM32L151C6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
DocID17659 Rev 9
37/131
STM32L151x6/8/B, STM32L152x6/8/B
Pin descriptions
47
22 13 H1
M1
9
VDDA
S-
VDDA
-
23 14 G2
L2
10
PA0-WKUP1 I/O
FT
PA0
WKUP1/USART2_CTS/ADC_IN0/
TIM2_CH1_ETR/COMP1_INP
24 15 H2
M2
11
PA1
I/O
FT
PA1
USART2_RTS/ADC_IN1/TIM2_CH2/
LCD_SEG0/COMP1_INP
25 16 F3
K3
12
PA2
I/O
FT
PA2
USART2_TX/ADC_IN2/TIM2_CH3/
TIM9_CH1/LCD_SEG1/COMP1_INP
26 17 G3
L3
13
PA3
I/O
TC
PA3
USART2_RX/ADC_IN3/TIM2_CH4/
TIM9_CH2/LCD_SEG2/COMP1_INP
27 18 C2
E3
-
VSS_4
S-
VSS_4
-
28 19 D2
H3
-
VDD_4
S-
VDD_4
-
29 20 H3
M3
14
PA4
I/O
TC
PA4
SPI1_NSS/USART2_CK/
ADC_IN4/DAC_OUT1/COMP1_INP
30 21 F4
K4
15
PA5
I/O
TC
PA5
SPI1_SCK/ADC_IN5/
DAC_OUT2/TIM2_CH1_ETR/COMP1_INP
31 22 G4
L4
16
PA6
I/O
FT
PA6
SPI1_MISO/ADC_IN6/TIM3_CH1/
LCD_SEG3/TIM10_CH1/COMP1_INP
32 23 H4
M4
17
PA7
I/O
FT
PA7
SPI1_MOSI/ADC_IN7/TIM3_CH2/
LCD_SEG4/TIM11_CH1/COMP1_INP
33 24 H5
K5
-
PC4
I/O
FT
PC4
ADC_IN14/LCD_SEG22/COMP1_INP
34 25 H6
L5
-
PC5
I/O
FT
PC5
ADC_IN15/LCD_SEG23/COMP1_INP
35 26 F5
M5
18
PB0
I/O
TC
PB0
ADC_IN8/TIM3_CH3/LCD_SEG5/
COMP1_INP/VREF_OUT
36 27 G5 M6
19
PB1
I/O
FT
PB1
ADC_IN9/TIM3_CH4/LCD_SEG6/
COMP1_INP/VREF_OUT
37 28 G6
L6
20
PB2
I/O
FT
PB2/BOOT1
-
38
-
-
M7
-
PE7
I/O
TC
PE7
ADC_IN22/COMP1_INP
39
-
-
L7
-
PE8
I/O
TC
PE8
ADC_IN23/COMP1_INP
40
-
-
M8
-
PE9
I/O
TC
PE9
ADC_IN24/TIM2_CH1_ETR/COMP1_INP
Table 8. STM32L15xxx pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com