Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6519APARUC6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM6519APARUC6F
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519APARUC6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM6519APARUC6F Datasheet HTML 15Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 16Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 17Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 18Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 19Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 20Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 21Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 22Page - STMicroelectronics STM6519APARUC6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
STM6519
Package information
Doc ID 022111 Rev 6
19/25
Figure 16.
UDFN6, 1.00 mm x 1.45 mm x 0.50 mm, 0.50 mm pitch package outline
Table 6.
UDFN6, 1.00 mm x 1.45 mm x 0.50 mm, 0.50 mm pitch package
mechanical data
Symbol
Dimensions
Note(1)
1.
Package outline exclusive of any mold flashes dimensions and metal burrs.
(mm)
(inches)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.50
0.55
0.60
0.0197
0.0217
0.0236
A1
0.00
0.02
0.05
0.000
0.0008
0.0020
b
0.18
0.25
0.30
0.0071
0.0098
0.0118
D
1.40
1.45
1.50
0.0551
0.0571
0.0591
E
0.95
1.00
1.05
0.0374
0.0394
0.0413
e
0.45
0.50
0.55
0.0177
0.0197
0.0217
k
0.20
0.0079
L
0.30
0.35
0.40
0.0118
0.0138
0.0157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com