Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP16CP05PTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP16CP05PTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05PTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP16CP05PTR Datasheet HTML 10Page - STMicroelectronics STP16CP05PTR Datasheet HTML 11Page - STMicroelectronics STP16CP05PTR Datasheet HTML 12Page - STMicroelectronics STP16CP05PTR Datasheet HTML 13Page - STMicroelectronics STP16CP05PTR Datasheet HTML 14Page - STMicroelectronics STP16CP05PTR Datasheet HTML 15Page - STMicroelectronics STP16CP05PTR Datasheet HTML 16Page - STMicroelectronics STP16CP05PTR Datasheet HTML 17Page - STMicroelectronics STP16CP05PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Typical characteristics
STP16CP05
14/27
Doc ID 12568 Rev 10
Figure 13.
Output current vs
± ΔI
OL(%) TA = 25 °C
Figure 14.
ISET vs drop out voltage (Vdrop) TA = 25 °C
Table 11.
ISET vs drop out voltage (Vdrop)
Iout (mA)
Avg @3.3 V
Avg @5.0 V
320
22
537
40
10
79
79
20
160
158
50
422
415
80
700
690
100
880
870



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com