Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW30NM50N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW30NM50N
Description  N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30NM50N Datasheet(HTML) 1 Page - STMicroelectronics

  STW30NM50N Datasheet HTML 1Page - STMicroelectronics STW30NM50N Datasheet HTML 2Page - STMicroelectronics STW30NM50N Datasheet HTML 3Page - STMicroelectronics STW30NM50N Datasheet HTML 4Page - STMicroelectronics STW30NM50N Datasheet HTML 5Page - STMicroelectronics STW30NM50N Datasheet HTML 6Page - STMicroelectronics STW30NM50N Datasheet HTML 7Page - STMicroelectronics STW30NM50N Datasheet HTML 8Page - STMicroelectronics STW30NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2008
Rev 2
1/18
18
STB30NM50N,STI30NM50N,STF30NM50N
STP30NM50N, STW30NM50N
N-channel 500 V, 0.090
Ω, 27 A MDmesh™ II Power MOSFET
D2PAK, I2PAK, TO-220FP, TO-220, TO-247
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
This series of devices is designed using the
second generation of MDmesh™ Technology.
This revolutionary Power MOSFET associates a
new vertical structure to the Company’s strip
layout to yield one of the world’s lowest on-
resistance and gate charge. It is therefore suitable
for the most demanding high efficiency
converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
max
ID
STB30NM50N
550 V
< 0.115
Ω
27 A
STI30NM50N
550 V
< 0.115
Ω
27 A
STF30NM50N
550 V
< 0.115
Ω
27 A(1)
1.
Limited only by maximum temperature allowed
STP30NM50N
550 V
< 0.115
Ω
27 A
STW30NM50N
550 V
< 0.115
Ω
27 A
1
3
1
2
3
1
2
3
1
2
3
1
2
3
D²PAK
I²PAK
TO-220
TO-247
TO-220FP
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB30NM50N
30NM50N
D²PAK
Tape and reel
STI30NM50N
30NM50N
I²PAK
Tube
STF30NM50N
30NM50N
TO-220FP
Tube
STP30NM50N
30NM50N
TO-220
Tube
STW30NM50N
30NM50N
TO-247
Tube
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STW30NM50N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STW30NM50N ISC-STW30NM50N Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW30NM50N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
N-channel 500 V - 0.21 Ω - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
04-Mar-2008
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
24-Jul-2008
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
N-channel 500 V - 0.250 Ω - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
04-Mar-2008
STB14NM65N STMICROELECTRONICS-STB14NM65N Datasheet
550Kb / 18P
N-channel 650 V, 0.33 Ω, 12 A MDmesh??II Power MOSFET TO-220, TO-220FP, D2PAK, I2PAK, TO-247
14-Oct-2008
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
N-channel 600 V - 0.27 Ω - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
24-Apr-2008
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
14-Feb-2008
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
11-Jun-2008
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
08-Apr-2008
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
N-channel 500 V, 0.11 Ω, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
17-Nov-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com