Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH30W02CW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH30W02CW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30W02CW Datasheet(HTML) 3 Page - STMicroelectronics

  STTH30W02CW Datasheet HTML 1Page - STMicroelectronics STTH30W02CW Datasheet HTML 2Page - STMicroelectronics STTH30W02CW Datasheet HTML 3Page - STMicroelectronics STTH30W02CW Datasheet HTML 4Page - STMicroelectronics STTH30W02CW Datasheet HTML 5Page - STMicroelectronics STTH30W02CW Datasheet HTML 6Page - STMicroelectronics STTH30W02CW Datasheet HTML 7Page - STMicroelectronics STTH30W02CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH30W02C
Characteristics
Doc ID 023273 Rev 1
3/8
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ
Max.
Unit
IRM
Reverse recovery current
Tj = 125 °C
IF = 15 A, VR = 160 V
dIF/dt = -200 A/µs
79
A
QRR
Reverse recovery charge
160
nC
Sfactor
Softness factor
0.3
trr
Reverse recovery time
Tj = 25 °C
IF = 1 A, VR = 30 V
dIF/dt = -100 A/µs
20
25
ns
tfr
Forward recovery time
Tj = 25 °C
IF = 15 A, VFR = 1.1 V
dIF/dt = 100 A/µs
200
ns
VFP
Forward recovery voltage
Tj = 25 °C
1.6
2.4
V
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Forward voltage drop versus
forward current (per diode)
P
(W)
F(AV)
0
4
8
12
16
20
24
02
46
8
10
12
14
16
18
20
= tp/T
tp
T
δ
IF(AV)(A)
δ = 0.05 δ1
= 0.
δ = 0.2
δ = 0.5
δ = 1
I
FM(A)
0.1
1.0
10.0
100.0
1000.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Tj=150 °C
(Typical values)
Tj=150°C
(Maximum values)
Tj = 25 °C
(Maximum values)
VFM(V)
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration
Figure 4.
Peak reverse recovery current
versus dIF/dt (typical values, per
diode)
Zth(j-c)/Rth(j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
tp(s)
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
IRM(A)
I F = IF(AV)
VR = 160 V
Tj =125 °C
dIF/dt(A/µs)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com