Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER3003 Datasheet(PDF) 1 Page - Dc Components

Part # HER3003
Description  TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

HER3003 Datasheet(HTML) 1 Page - Dc Components

  HER3003 Datasheet HTML 1Page - Dc Components HER3003 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Low power loss, high efficiency
* Low forward voltage drop
* Low thermal resistance
* High current capability
* High reliability
* High surge capability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 5.60 grams
HER3001
THRU
HER3005
TO-3P
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 75
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IFSM
VRMS
UNITS
50
100
200
300
400
Volts
Volts
Volts
Amps
30
400
Amps
IO
HER3001
HER3002
HER3003
HER3004
HER3005
Typical Thermal Resistance
Typical Junction Capacitance (Note 2)
CJ
TJ, TSTG
1.0
125
0C/ W
0C
Operating and Storage Temperature Range
R
θJC
-65 to + 150
pF
NOTES : 1. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Suffix "A" = Common Anode.
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 15 0A DC
Volts
10
60
@TC = 100
oC
@TC = 25
oC
trr
1.1
150
35
70
140
210
280
50
100
200
300
400
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
VOLTAGE RANGE - 50 to 400 Volts
CURRENT - 30 Amperes
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
74
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - HER3003

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HER3003 FORMOSA-HER3003 Datasheet
37Kb / 2P
30.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
GOOD-ARK Electronics
HER3003 GOOD-ARK-HER3003 Datasheet
151Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
HER3003 DAESAN-HER3003 Datasheet
323Kb / 2P
CURRENT 30.0 Amperes VOLTAGE 50 to 600 Volts
logo
Thinki Semiconductor Co...
HER3003A THINKISEMI-HER3003A Datasheet
1Mb / 3P
30 Ampere Heat Sink Dual Common Anode High Efficiency Rectifier Diodes
logo
Rectron Semiconductor
HER3003C RECTRON-HER3003C Datasheet
26Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 200 Volts CURRENT 30 Amperes)
More results

Similar Description - HER3003

ManufacturerPart #DatasheetDescription
logo
Dc Components
HER101 DCCOM-HER101 Datasheet
447Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER151 DCCOM-HER151 Datasheet
485Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER1601 DCCOM-HER1601 Datasheet
524Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER201 DCCOM-HER201 Datasheet
490Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER301 DCCOM-HER301 Datasheet
486Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER501 DCCOM-HER501 Datasheet
450Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HER801 DCCOM-HER801 Datasheet
463Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH EFFICIENCY RECTIFIER
HSM101 DCCOM-HSM101 Datasheet
450Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
Chongqing Pingwei Enter...
1N5400G CHONGQING-1N5400G Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
1N5400 CHONGQING-1N5400 Datasheet
39Kb / 1P
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com