Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDC30F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDC30F
Description  Universal input (AC85-264V)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDC30F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDC30F Datasheet HTML 1Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 2Page - List of Unclassifed Manufacturers LDC30F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
LDC30F-1
LDC30F-2
DC OUTPUT
V1
+5V 3.0(Peak 4.5)A
+5V 3.0(Peak 4.5)A
V2
+12V 1.2(Peak 2.0)A
+15V 1.0(Peak 2.0)A
V3
-12V 0.3(Peak 0.45)A
-15V 0.3(Peak 0.45)A
SPECIFICATIONS
MODEL
LDC30F-1
LDC30F-2
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC110 - 370
CURRENT[A]
ACIN 100V 0.8typ (Io=100%)
FREQUENCY[Hz]
47 - 440 or DC
EFFICIENCY[%]
ACIN 100V 72typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 25typ (Io=100%)(At cold start)
ACIN 200V 50typ (Io=100%)(At cold start)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to UL, CSA, VDE and DEN-AN)
OUTPUT
VOLTAGE[V]
+5
+12
-12
+5
+15
-15
CURRENT[A]
*1 0 - 3.0 (Peak 4.5) 0 - 1.2 (Peak 2.0) 0-0.3 (Peak 0.45) 0 - 3.0 (Peak 4.5) 0 - 1.0 (Peak 2.0) 0-0.3 (Peak 0.45)
LINE REGULATION[mV]
20max
48max
48max
20max
60max
60max
LOAD REGULATION[mV]
100max
120max
150max
100max
120max
150max
RIPPLE[mVp-p]
0to+50
C*2 100max
120max
120max
100max
120max
120max
-10 - 0
C*2 150max
160max
160max
150max
160max
160max
RIPPLE NOISE[mVp-p]
0to+50
C*2 120max
150max
150max
120max
150max
150max
-10 - 0
C*2 170max
180max
180max
170max
180max
180max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
350max
350max
50max
350max
350max
-10to+50
C 60max
420max
420max
60max
420max
420max
DRIFT[mV]
*3 20max
xx
xx
20max
xx
xx
START-UP TIME[ms]
100max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
10typ (ACIN 85V, Io=100%), 20typ (ACIN 100V, Io=100%), 100typ (ACIN 200V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] Fixed
Fixed
Fixed
Fixed
Fixed
Fixed
OUTPUT VOLTAGE SETTING[V]
4.9 to 5.3
11.4 to 12.6
-11.4 to -12.6
4.9 to 5.3
14.25 to 15.75
-14.25 to -15.75
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
Works at 115 - 140% of rating (+5V only)
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Not provided
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-OUTPUT(V1-V2,V3) AC100V 1minute, Cutoff current = 100mA, DC100V 10M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +60
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet)
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet)
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, EN60950-1, EN50178, CSA C22.2 No.234 Complies with DEN-AN and IEC60950-1
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
OTHERS
CASE SIZE/WEIGHT
65
X26X140mm (WXHXD) / 220g max (without chassis and cover)
COOLING METHOD
Convection
*1 Peak load for 10sec. or less is acceptable if the total wattage is less than the rated wattage(-1: 33W, -2: 34.5W).When the load of +5V is OA, other output can be drawn by 80% of rated current.
*2 Measured by 20MHz oscilloscope or Ripple-Noise meter (equivalent to KEISOKU-GIKEN:RM101).
*3 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C with the input voltage held constant at the rated input/output.
* Avoid prolonged use under over-load.
* Derating is required when operated with chassis and cover.
LDC30F
Rugged PCB type
LD
C
30
F
-1
-
O
Ordering information
1Series name
2Multiple output
3Output wattage
4Universal input
5Output voltage combina-
tion
6Optional
C :with Coating
G :Low leakage current
S :with Chassis
SN :with Chassis & cover
Y :with Potentiometer
R
123456
LDC
F-18



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com