Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985-N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-N
Description  LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-N Datasheet(HTML) 1 Page - Texas Instruments

  LP2985-N Datasheet HTML 1Page - Texas Instruments LP2985-N Datasheet HTML 2Page - Texas Instruments LP2985-N Datasheet HTML 3Page - Texas Instruments LP2985-N Datasheet HTML 4Page - Texas Instruments LP2985-N Datasheet HTML 5Page - Texas Instruments LP2985-N Datasheet HTML 6Page - Texas Instruments LP2985-N Datasheet HTML 7Page - Texas Instruments LP2985-N Datasheet HTML 8Page - Texas Instruments LP2985-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and
DSBGA Packages
Designed for Use with Very Low ESR Output Capacitors
Check for Samples: LP2985-N
1
FEATURES
DESCRIPTION
The LP2985-N is a 150 mA, fixed-output voltage
2
•
Ultra Low Dropout Voltage
regulator designed to provide ultra low-dropout and
•
Ensured 150 mA Output Current
low noise in battery powered applications.
•
Smallest Possible Size (SOT-23, DSBGA
Using an optimized VIP (Vertically Integrated PNP)
Packages)
process,
the
LP2985-N
delivers
unequalled
•
Requires Minimum External Components
performance in all specifications critical to battery-
powered designs:
•
Stable with Low-ESR Output Capacitor
•
<1 µA Quiescent Current when Shut Down
Dropout Voltage: Typically 300 mV @ 150 mA load,
and 7 mV @ 1 mA load.
•
Low Ground Pin Current at All Loads
•
Output Voltage Accuracy 1% (A Grade)
Ground Pin Current: Typically 850 µA @ 150 mA
load, and 75 µA @ 1 mA load.
•
High Peak Current Capability
•
Wide Supply Voltage Range (16V Max)
Enhanced Stability: The LP2985-N is stable with
output capacitor ESR as low as 5 m
Ω, which allows
•
Low ZOUT: 0.3Ω Typical (10 Hz to 1 MHz)
the use of ceramic capacitors on the output.
•
Overtemperature/Overcurrent Protection
Sleep Mode: Less than 1 µA quiescent current when
•
−40°C to +125°C Junction Temperature Range
ON/OFF pin is pulled low.
•
Custom Voltages Available
Smallest
Possible
Size:
SOT-23
and
DSBGA
packages use absolute minimum board space.
APPLICATIONS
Precision Output: 1% tolerance output voltages
•
Cellular Phone
available (A grade).
•
Palmtop/Laptop Computer
Low Noise: By adding a 10 nF bypass capacitor,
•
Personal Digital Assistant (PDA)
output noise can be reduced to 30 µV (typical).
•
Camcorder, Personal Stereo, Camera
Multiple voltage options, from 2.5V to 5.0V, are
available as standard products. Consult factory for
custom voltages.
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP2985-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985-N TI-LP2985-N Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985-N TI1-LP2985-N Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_V01 Datasheet
10Mb / 43P
LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
More results

Similar Description - LP2985-N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com