Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBH4 Datasheet(PDF) 1 Page - Dc Components

Part # KBH4
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

KBH4 Datasheet(HTML) 1 Page - Dc Components

  KBH4 Datasheet HTML 1Page - Dc Components KBH4 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GFBTURFS
/ J^_[e `hj ijcgl_^ ]cj]mcl \h[j^
/ Smja_ hn_jeh[^ j[lcga? 675 Bfi_j_k i_[d
NBXJNUN RBTJOHS BOE FMFDTRJDBM DIBRBDTFRJSTJDS
R[lcgak [l 7: hD [f\c_gl l_fi_j[lmj_ mge_kk hlb_jock_ ki_]c`c_^3
Scgae_ ib[k_1 b[e` o[n_1 ;5 Ir1 j_kcklcn_ hj cg^m]lcn_ eh[^3
Ghj ][i[]clcn_ eh[^1 ^_j[l_ ]mjj_gl \q 75,3
LCI
Ecf_gkchgk cg cg]b_k [g^ -fceecf_l_jk.
N[pcfmf R_]mjj_gl Q_[dR_n_jk_ Vhel[a_
N[pcfmf RNS Cjc^a_ Jgiml Vhel[a_
N[pcfmf ED Ceh]dcga Vhel[a_
N[pcfmf Bn_j[a_ Ghjo[j^ Pmliml Dmjj_gl [l T] @ 655h D
Q_[dGhjo[j^ Smja_ Dmjj_gl =38 fk kcgae_ b[e` kcg_2o[n_
kmi_jcfihk_^ hg j[l_^ eh[^ -KFEFD N_lbh^.
SYNCPM
VRRN
VED
JP
JGSN
VRNS
Vhelk
Vhelk
Bfik
935
675
Bfik
UOJTS
:5
655
755
955
;55
=55
6555
<5
8:
695
7=5
975
<55
:;5
:5
755
955
;55
=55
6555
655
LCI9B
LCI9C LCI9E LCI9H LCI9K
LCI9L LCI9N
Vhelk
N[pcfmf ED R_n_jk_ Dmjj_gl [l R[l_^
ED Ceh]dcga Vhel[a_ i_j _e_f_gl
VG
JR
635
:55
N[pcfmf Ghjo[j^ Vhel[a_ Ejhi i_j _e_f_gl [l 835B ED
Vhelk
ATB @7:hD
ATB @ 655hD
65
mBfik
J7l R[lcga `hj Gmkcga -l<=38fk.
J7l
>8
B7S_]
Tqic][e Kmg]lchg D[i[]cl[g]_ - Ohl_6.
DK
95
iG
Tqic][e Tb_jf[e R_kckl[g]_ -Ohl_ 7.
RtK B
6>
5D4W
OPTFS ? 63N_[kmj_^ [l 6 NIZ [g^ [iiec_^ j_n_jk_ nhel[a_ h` 935 nhelk
73Tb_jf[e R_kckl[g]_ `jhf Kmg]lchg lh D[k_ i_j _e_f_gl Ugcl fhmgl_^ hg 855p855p63;ff Bemfcgmf ie[l_ b_[l2kcgd3
VPMTBHF RBOHF 2 :5 lh 6555 Vhelk
DURRFOT 2 935 Bfi_j_k
RFDTJGJFR SQFDJBMJSTS
R
DC COMPONENTS CO., LTD.
TFDIOJDBM SQFDJGJDBTJPOS PG SJOHMF2QIBSF SJMJDPO CRJEHF RFDTJGJFR
NFDIBOJDBM EBTB
Pi_j[lcga T_fi_j[lmj_ R[ga_
TK
2::lh06:5
5
D
STH
5
Slhj[a_ T_fi_j[lmj_ R[ga_
T
2:: lh 0 6:5
5
D
/ D[k_? Nhe^_^ ie[klc]
/ Fihpq? UM >9V25 j[l_ `e[f_ j_l[j^[gl
/ T_jfcg[ek? NJM2STE2757F1 N_lbh^ 75= am[j[gl__^
/ Qhe[jclq? Sqf\hek fhe^_^ hj f[jd_^ hg \h^q
/ W_cabl? 93; aj[fk
LCI9B
TIRU
LCI9N
/ Nhmglcga ihkclchg? Bgq
35;8-63;.
35::-639.
3=85-7636.
3=65-753;.
35>=-73:.
35>5-738.
357;-53;:.
3575-53:5.
375>-:38.
36=>-93=.
SQBDJOH
BD
/--
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - KBH4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBH-10 ETC2-KBH-10 Datasheet
1Mb / 2P
Compact VHF/UHF FM Portable Radios
logo
Dc Components
KBH2 DCCOM-KBH2 Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2B DCCOM-KBH2B Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2D DCCOM-KBH2D Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBH4

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com