Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV9728 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV9728
Description  OV9728 720p HD product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV9728 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV9728 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV9728 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Power and Cost-Efficient 720p HD CameraChip™
Sensor for Portable Devices and Smart TVs
OV9728 720pHDproductbrief
lead free
available in
a lead-free
package
The OV9728 is a low-power, cost-efficient CameraChip
sensor designed for secondary camera applications in
notebooks, tablets, smartphones and smart TVs. The
high-performance OV9278 delivers exceptional 720p
high-definition (HD) video, which exceeds the criteria of
premium video specifications for Microsoft® Lync™ and
Skype®.
The OV9728 utilizes a 1.75-micron OmniBSI+™ pixel
architecture to deliver best-in-class low-light
sensitivity, a 60 percent improvement in full-well
capacity (FWC), a 4 dB improvement in dynamic range,
and a significantly enhanced signal-to-noise ratio
(SNR10). A 1/6.5-inch sensor, the OV9728 can record
720p HD video at 30 frames per second (fps) or
high-quality cropped VGA video at 60 fps.
The OV9728 provides full-frame, sub-sampled,
windowed or scaled 8- and 10-bit images. All required
image processing functions, including exposure control
and defective pixel cancelling, are programmable
through the serial camera control bus (SCCB) interface.
It features a one-lane high-speed MIPI interface and fits
into a compact 6 x 6 x 3 mm module.
Find out more at www.ovt.com.


Similar Part No. - OV9728

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV9724 OMNIVISION-OV9724 Datasheet
1Mb / 2P
OV9724 720p HD product brief
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
More results

Similar Description - OV9728

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV2720 OMNIVISION-OV2720 Datasheet
494Kb / 2P
OV2720 full HD (1080p) product brief
OV9714 OMNIVISION-OV9714 Datasheet
1Mb / 2P
OV9714 720p product brief
OV9724 OMNIVISION-OV9724 Datasheet
1Mb / 2P
OV9724 720p HD product brief
OV9726 OMNIVISION-OV9726 Datasheet
864Kb / 2P
OV9726 720p HD product brief
OV9740 OMNIVISION-OV9740 Datasheet
904Kb / 2P
OV9740 720p HD product brief
OV9770 OMNIVISION-OV9770 Datasheet
540Kb / 2P
OV9770 720p HD product brief
OV10626 OMNIVISION-OV10626 Datasheet
1,019Kb / 2P
OV10626 HD HDR product brief
OV10635 OMNIVISION-OV10635 Datasheet
1Mb / 2P
OV10635 HD HDR product brief
OV9733 OMNIVISION-OV9733 Datasheet
4Mb / 2P
720p HD product brief
OV9750 OMNIVISION-OV9750 Datasheet
799Kb / 2P
720p HD product brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com