Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV12830 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV12830
Description  OV12830 12.8-megapixel product brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV12830 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV12830 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV12830 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
¬
Cellular and Mobile Phones
Tablets
Digital Still and
Video Cameras (DSC/DVC)
¬
¬
PC Multimedia
3D Cameras
Applications
¬
¬
¬
¬
¬
¬
¬
OmniBSI-2™ pixel technology
programmable controls for frame rate,
mirror and flip, cropping, windowing,
and scaling
image quality controls: defect pixel
correction, lens shading correction,
and black level calibration
supports horizontal and
vertical subsampling
supports 2x2 binning, re-sampling filter
support for image sizes:
- 12.7MP (4224x3000)
- 12MP (4000x3000)
- 10MP (4224x2376)
- EIS 1080p (2112x1188)
- EIS 720p (1536x864)
support for output formats:
10-bit RAW RGB and
DPCM 10-8 compression
fast mode switching
supports 3D applications
programmable I/O drive capability
on chip RAW scalar
up to 4-lane MIPI serial output
interface
embedded 4K bits one-time
programmable (OTP) memory for
part identification, etc...
standard serial SCCB interface
built-in temperature sensor
HDR via alternative row exposure
two on-chip phase lock loop (PLL)
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
¬
OV12830-G04A
(color, chip probing, 200 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 4256 x 3016
power supply:
- analog: 2.6 ~ 3.0V
- core: 1.27 ~ 1.32V for up to
1 Gbps/lane MIPI
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 296 mW
- standby: 400 µW
- XSHUTDOWN: 5 µW
temperature range:
- operating: -30°C to 70°C junction
temperature
- stable image: 0°C to 60°C junction
temperature
output formats: RAW RGB data
lens size: 1/3.2"
input clock frequency: 6 ~ 27 MHz
lens chief ray angle: 30.3° non-linear
¬
¬
¬
¬
¬
¬
¬
¬
¬
max S/N ratio: 35.0 dB
dynamic range: 66.6 dB @ 8x gain
maximum image transfer rate:
- 12.8MP: 24 fps
- 12MP: 24 fps
- 10MP (4224x2376): 30 fps
- EIS1080p: 60 fps
- EIS720p: 60 fps
- VGA: 120 fps
sensitivity: 600 mV/lux-sec
scan mode: progressive
pixel size: 1.1 µm x 1.1 µm
dark current: 2.4 mV/sec
@ 60°C junction temperature
image area: 4681.6 µm x 3317.6 µm
die dimensions: 6300 µm x 5570 µm
Product Specifications
Version 1.2, May, 2013
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. OmniBSI-2 is a trademark of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV12830
Functional Block Diagram
OV12830
image sensor core
image sensor
processor
image output
column
sample/hold
PLL
PLLs
control register bank
SCCB slave interface
timing generator
and system control logic
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com