Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-C01 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # AP-C01
Description  Sealed against contamination when properly mounted
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

AP-C01 Datasheet(HTML) 1 Page - Grayhill, Inc

  AP-C01 Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
Y
Y
Ø
±.005
1.176
Ø
±.002 ID
OF O-RING GROOVE
.925
Ø
REF
BUTTON
.700
±.005
TO FLAT
.775
±.03
.56
5X .079
TERMINAL
.093
CENTER TERMINAL
.674
.210
.114
TO
OF
TERMINAL
.223
2X
CENTER TO
CENTER
.283
2X .141
CENTER TO
CENTER
COMMON
TERMINAL
.055
4X
TERMINAL
.055
4X
TERMINAL
THICKNESS
.030
COMMON
THICKNESS
.015
Ø
CENTER
TERMINAL
.080
45.0°
3
4
1
2
5
C
SCALE 2.000
EPOXY REAR SEAL
.350
8,89
[
]
.601
15,25
[
]
.659
16,73
[
]
Ø1.000
25,4
[
]
Ø.700
17,78
[
]
.410
10,41
[
]
.079
2,01
[
]
.705
17,91
[
]
.223
5,66
[
]
2X .283
7,19
[
]
Ø.625
15,88
[
]
4X .030
0,76
[
]
4X .055
1,4
[
]
.055
1,4
[
]
.015
0,38
[
]
SCALE 2.000
3/4-32 UNF 2A THREADS
PER GRAYHILL SPEC.SOP2338
-- S.P.C. FLAG (CONTROL CHART
REQ'D ON FEATURE SPECIFIED)
-- Cpk REQUIRED
-- CRITICAL CHARACTERISTIC FLAG
CRITICAL CHARACTERISTIC FLAGS
DIAMETERS ±
DRAWN DATE
CHECKED DATE
APPROVED DATE
DO NOT SCALE THIS PRINT
LIMITS APPLY BEFORE FINISHING
ANGULAR ±
LINEAR ±
AND DIMENSIONS ARE IN INCHES
UNLESS OTHERWISE SPECIFIED TOLERANCES
FINISH
MATERIAL
NAME
GRAYHILL, INC.
PHONE (708) 354-1040
LA GRANGE, IL 60525
561 HILLGROVE AVE.
SCALE
REVISIONS
DESCRIPTION
APP/DATE
ISSUE
ISSUE
DWG. NO.
B
SIZE
OF
SHEET
ENG212D
Y
Y
Ø
±.005
1.176
Ø
±.002 ID
OF O-RING GROOVE
.925
Ø
REF
BUTTON
.700
±.005
TO FLAT
.775
±.03
.56
5X .079
TERMINAL
.093
CENTER TERMINAL
.674
.210
.114
TO
OF
TERMINAL
.223
2X
CENTER TO
CENTER
.283
2X .141
CENTER TO
CENTER
COMMON
TERMINAL
.055
4X
TERMINAL
.055
4X
TERMINAL
THICKNESS
.030
COMMON
THICKNESS
.015
+.002/-.003
O-RING GROOVE
WIDTH
.096
±.001
O-RING GROOVE
DEPTH
.051
Ø
CENTER
TERMINAL
.080
45.0°
Ø1.063
.125
.160
A CMJ/CMJ
09-03-08
ORIGINAL.
ECN#372333 GAD 09-03-08
04JY1001-1
A
ASM,5-WAY
1.000
1
1
04JY1001-1
SEE NOTES
SEE NOTES
.030
.015
2
GAD 09-03-08
CMJ 09-03-08
CMJ 09-03-08
THIS DRAWING SPECIFIES A SINGLE POLE, 4-WAY TOGGLE SWITCH WITH CENTER
PUSHBUTTON SWITCH, MOMENTARY CONTACT, WITH SELF RETURN TO CENTER OFF.
4-WAY CONTACT MADE IN OPPOSITE DIRECTION OF SWITCH TRAVEL.
MOUNTING HARDWARE AND O-RING NOT SHOWN.
MATERIALS AND FINISHES NOTES:
1. BUTTON: THERMOPLASTIC, COLOR:GRAY (IAW 81395-A29434)
2. BUSHING: ALUMINUM ALLOY, FINISH: BLACK CHROME PER MIL-C-14538C
3. TERMINALS: 1/2 HARD BRASS, FINISH: GOLD (.000030 MINIMUM) OVER
SILVER (.000050 MINIMUM) OVER NICKEL (.00015 MINIMUM) PLATING.
4. SWITCH BODY: THERMOPLASTIC, BLACK
5. SPANNER NUT: STAINLESS STEEL ALLOY, FINISH: BLACK CHROME PER
MIL-C-14538C
6. O-RING: PER AS568-021, 50 DUROMETER FLUOROSILICONE.
SWITCH OPERATION CRITERIA
1. OPERATING TEMPERATURE: -55° C TO +85° C.
2. STORAGE TEMPERATURE: -55° C TO +85° C.
3. LIFE: 100,000 CYCLES MINIMUM.
4. RATING: 0.5 AMP INDUCTIVE AT 28VDC.
5. CONTACT RESISTANCE: .05 OHMS MAXIMUM.
6. PUSHBUTTON TRAVEL: .020 MINIMUM OVERALL.
7. PUSHBUTTON SWITCH OPERATING FORCE: 5 POUNDS MAXIMUM.
8. TOGGLE LEVER TRAVEL: 15° MAXIMUM FROM CENTER.
9. TOGGLE OPERATING FORCE: 16 OZ ± 6OZ INITIAL.
10. TOGGLE PIVOT AND STOP STRENGTH: 25 POUNDS MAXIMUM.
11. BUTTON PULL FORCE: 15 POUNDS MINIMUM.
12. MECHANICAL SHOCK: PER MIL-STD-810, PROCEDURE I, METHOD 516.4. THE
APPLIED SHOCK PULSES SHALL BE OF A HALF-SINE, 133G ±2,080 HZ,
83G ±125 HZ, 153G ±355 HZ.
13. IMMERSION: WATERTIGHT PER MIL-PRF-8805. SWITCH SHALL MAINTAIN A
MAXIMUM PRESSURE DROP OF 0.10 PSIG/MINUTE OVER A 2 MINUTE TIME PERIOD
WITH AN INITIAL PRESSURE OF 6 ±1 PSIG APPLIED TO THE SEAL SURFACE.
14. MOISTURE RESISTANCE: MEETS THE REQUIREMENTS OF MIL-DTL-9419.
ASSEMBLY NOTES:
1. SWITCH SHALL BE 100% ELECTRICALLY TESTED.
2. SWITCH SHALL BE 100% LEAK TESTED AT 15 PSI FOR 15 SECONDS WITH A
MAXIMUM PRESSURE DROP OF .3 PSI BEFORE THE EPOXY REAR SEAL IS APPLIED.
3. COMPLETED SWITCH SHALL HAVE A LABEL APPLIED TO THE PERIMETER OD Ø.360 AREA
OF BUSHING. LABEL SHALL CONTAIN EIA DATE CODE, CUSTOMER PART NUMBER, AND
IMAGE
OF PINOUT.
O-RING
GROOVE
DETAIL
MOUNTING NUT
POS 4
POS. 3
POS. 1
POS. 2
POS. 5
(PSHBTN MODE)
C
3
4
1
2
5
C
SCALE 2.000
EPOXY REAR SEAL
SECTION Y-Y
SCALE 1.000
MUST BE MADE ON THE PRO/E SYSTEM
ALL REVISIONS TO THIS DRAWING
DIMENSIONS in inches (and millimeters)
SERIES 04J
Joystick with Center Pushbutton
FEATURES
•Sealedagainstcontaminationwhenproperlymounted(IP68)
•Twoformatsavailable:behind-panelmountorfront-panelmount
DESCRIPTION
Series04Jisasinglepole,4-waytoggleswitchwithapushbuttoninthe
centerposition.4-waycontactismadeintheoppositedirectionoftravel.
ElECTRIC & MEChANICAl RATINgS
Rating: 2ampresistive;0.5ampinductiveat
28VDCor115VAC
Contact Resistance:.05ohms(max)
Operating Temperature: -55°Cto+85°C
Operational life:100,000cycles(min)
Pushbutton Travel:.020minimumoverall
Pushbutton Operating Force:5lbs.(max)
Toggle lever Travel: 15°fromcenter(max)
Toggle Operating Force:16oz+6ozinitial
Toggle Pivot & Stop Strength:25lbs.(max)
Mechanical Shock: per MIL-STD-810,
procedureI,method516.4
Immersion:perMIL-PRF-8805
Moisture Resistance:perMIL-DTL-9419
MATERIAlS & FINIShES
Switch Body & Concave Cap:Thermoplastic
(black,cone-shapedcapisgray)
Bushing:Aluminumalloy(blackchrome)
Contact Terminals:1/2hardbrass(goldover
silverovernickelplating)
Spanner Nut:Stainlesssteel(blackchrome)
O-Ring: 50durometerfluorosilicone
CIRCUITRY
AvailablefromyourlocalGrayhill
Distributor.
Forpricesanddiscounts,contact
alocalsalesoffice,anauthorized
localdistributororGrayhill.
ORDERINg INFORMATION
04J-BP-T01
grayhill Series Number
Version:
B=behindpanel;A=abovepanel
Connection:
P=pcbmount;S=solderlugs
Current: 1=high;2=low*
Keycap Color: 0=black;1=gray
Keycap Shape:
T=concavecap;C=cone-shapedcap
BEhIND PANEl MOUNT
FRONT PANEl MOUNT
*LowLevelsignalisdefinedasaverysmallelectricalload(i.e.,50millivoltsat10milliamps)


Similar Part No. - AP-C01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF001GA5GS-ETNR ETC2-AP-CF001GA5GS-ETNR Datasheet
1Mb / 23P
Compact Flash 4 Series
AP-CF001GA5GS-ETRM ETC2-AP-CF001GA5GS-ETRM Datasheet
1Mb / 23P
Compact Flash 4 Series
AP-CF001GA5GS-NDNR ETC2-AP-CF001GA5GS-NDNR Datasheet
1Mb / 23P
Compact Flash 4 Series
AP-CF001GA5GS-NDRM ETC2-AP-CF001GA5GS-NDRM Datasheet
1Mb / 23P
Compact Flash 4 Series
AP-CF001GA5GS-NR ETC2-AP-CF001GA5GS-NR Datasheet
1Mb / 23P
Compact Flash 4 Series
More results

Similar Description - AP-C01

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC705KJ1 FREESCALE-MC68HC705KJ1 Datasheet
718Kb / 108P
Computer Operation Properly Module
logo
Grayhill, Inc
88-162 GRAYHILL-88-162 Datasheet
379Kb / 5P
Sealed, Flange Mounted
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
Sealed, Flange Mounted
logo
Infineon Technologies A...
IKWH20N65WR6 INFINEON-IKWH20N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-21
IKWH30N65WR5 INFINEON-IKWH30N65WR5 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR5 technology in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
IKWH30N65WR6 INFINEON-IKWH30N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
IKWH40N65WR6 INFINEON-IKWH40N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.10 2021-05-18
IKWH50N65WR6 INFINEON-IKWH50N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-20
IKWH60N65WR6 INFINEON-IKWH60N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-21
IKWH70N65WR6 INFINEON-IKWH70N65WR6 Datasheet
1Mb / 17P
The TRENCHSTOP??5 WR6 family in the TO-247-3-HCC package offers improved reliability against package contamination
Datasheet 1.00 2021-05-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com