Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNP7N04-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNP7N04-E
Description  "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP7N04-E Datasheet(HTML) 4 Page - STMicroelectronics

  VNP7N04-E Datasheet HTML 1Page - STMicroelectronics VNP7N04-E Datasheet HTML 2Page - STMicroelectronics VNP7N04-E Datasheet HTML 3Page - STMicroelectronics VNP7N04-E Datasheet HTML 4Page - STMicroelectronics VNP7N04-E Datasheet HTML 5Page - STMicroelectronics VNP7N04-E Datasheet HTML 6Page - STMicroelectronics VNP7N04-E Datasheet HTML 7Page - STMicroelectronics VNP7N04-E Datasheet HTML 8Page - STMicroelectronics VNP7N04-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
During
normal
operation,
the
Input
pin
is
electrically connected to the gate of the internal
power MOSFET. The device then behaves like a
standard power MOSFET and can be used as a
switch from DC to 50 KHz. The only difference
from the user’s standpoint is that a small DC
current (Iiss) flows into the Input pin in order to
supply the internal circuitry.
The device integrates:
- OVERVOLTAGE
CLAMP
PROTECTION:
internally set at 42V, along with the rugged
avalanche
characteristics
of
the
Power
MOSFET stage give this device unrivalled
ruggedness and energy handling capability.
This feature is mainly important when driving
inductive loads.
- LINEAR CURRENT LIMITER CIRCUIT: limits
the drain current Id to Ilim whatever the Input
pin voltage. When the current limiter is active,
the device operates in the linear region, so
power dissipation may exceed the capability of
the
heatsink.
Both
case
and
junction
temperatures increase, and if this phase lasts
long enough, junction temperature may reach
the overtemperature threshold Tjsh.
- OVERTEMPERATURE AND SHORT CIRCUIT
PROTECTION: these are based on sensing
the chip temperature and are not dependent on
the input voltage. The location of the sensing
element on the chip in the power stage area
ensures fast, accurate detection of the junction
temperature. Overtemperature cutout occurs at
minimum 150
oC. The device is automatically
restarted when the chip temperature falls
below 135
oC.
- STATUS FEEDBACK: In the case of an
overtemperature
fault
condition,
a
Status
Feedback is provided through the Input pin.
The internal protection circuit disconnects the
input from the gate and connects it instead to
ground via an equivalent resistance of 100
Ω.
The failure can be detected by monitoring the
voltage at the Input pin, which will be close to
ground potential.
Additional features of this device are ESD
protection according to the Human Body model
and the ability to be driven from a TTL Logic
circuit (with a small increase in RDS(on)).
PROTECTION FEATURES
VNP7N04
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com