Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC101 Datasheet(PDF) 1 Page - Dc Components

Part # KBPC101
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

KBPC101 Datasheet(HTML) 1 Page - Dc Components

  KBPC101 Datasheet HTML 1Page - Dc Components KBPC101 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Surge overloa rating: 50 Amperes peak
* Low forward voltage drop
* Small size: simple installation
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BR-3
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
SYMBOL
VRRM
VDC
IO
VRMS
Volts
Volts
Volts
Amps
3.0
UNITS
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
BR305
BR31
BR32
BR34
BR36
BR38
BR310
Maximum Average Forward Rectified Output Current at Tc = 50
oC
50
100
200
400
600
800
1000
Operating Temperature Range
T STG
-55 to + 150
0C
TJ
-55 to + 125
0C
Storage Temperature Range
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
50
Amps
VF
1.0
Maximum Forward Voltage Drop per element at 1.5A DC
Volts
@TC = 100
oC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
KBPC
1005
101
102
104
106
108
110
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 3.0 Amperes
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC
BR
1005
305
THRU
KBPC
BR
110
310
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
Symbols molded or marked on body
* Mounting position: Any
* Weight: 3.36 grams
I
2t Rating for Fusing (t<8.3ms)
I
2t
10
A
2Sec
DC Blocking Voltage per element
IR
500
uAmps
Maximum CD Reverse Current at Rated
@TA = 25
oC
10
Typical Junction Capacitance ( Note1)
CJ
21
pF
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
232
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - KBPC101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC101 SEMTECH-KBPC101 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC101 SSE-KBPC101 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC101 CHENYI-KBPC101 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC101 LRC-KBPC101 Datasheet
48Kb / 2P
3.0A BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC101 ETC-KBPC101 Datasheet
119Kb / 2P
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC101

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com