Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC802 Datasheet(PDF) 1 Page - Dc Components

Part # KBPC802
Description  TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

KBPC802 Datasheet(HTML) 1 Page - Dc Components

  KBPC802 Datasheet HTML 1Page - Dc Components KBPC802 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HGCUVSGT
0 Tolb` jp`lgj\_ l\ndib@ 78; Chk`l`m k`\f
0 Njq ajlq\l_ pjgn\b` _ljk
OCYKOVO SCUKPIT CPF GNGEUSKECN EJCSCEUGSKTUKET
S\ndibm \n 8; jE \h]d`in n`hk`l\nol` oig`mm jnc`lqdm` mk`^dad`_4
Tdibg` kc\m`2 c\ga q\p`2 <6 Jt2 l`mdmndp` jl di_o^ndp` gj\_4
Hjl ^\k\^dndp` gj\_2 _`l\n` ^oll`in ]s 86-4
MDRE>66;
UJSV
MDRE>76
MDRE3>576
Fdh`imdjim di di^c`m \i_ .hdggdh`n`lm/
O\rdhoh Cp`l\b` Hjlq\l_ S`^ndad`_ Qonkon Eoll`in \n
O\rdhoh S`^oll`in R`\f S`p`lm` Wjgn\b`
O\rdhoh SOT Wjgn\b`
O\rdhoh FE Dgj^fdib Wjgn\b`
R`\f Hjlq\l_ Tolb` Eoll`in >49 hm mdibg` c\ga mdi`3q\p`
mok`ldhkjm`_ ji l\n`_ gj\_ .LGFGE O`ncj_/
TZODQN
WSSO
WFE
KQ
KHTO
WSOT
Wjgnm
Wjgnm
Wjgnm
Chkm
78;
Chkm
VPKUT
;6
766
866
:66
<66
>66
7666
=6
9;
7:6
8>6
:86
=66
;<6
;6
866
:66
<66
>66
7666
766
MDRE
MDRE
MDRE
MDRE
MDRE
MDRE
MDRE
>66;
>67
>68
>6:
>6<
>6>
>76
>46
FE Dgj^fdib Wjgn\b` k`l `g`h`in
WH
KS
747
;66
oChkm
O\rdhoh FE S`p`lm` Eoll`in \n S\n`_
O\rdhoh Hjlq\l_ Wjgn\b` Fljk k`l `g`h`in \n :46C FE
Wjgnm
BUC A8;jE
BUE A 766jE
76
Qk`l\ndib U`hk`l\nol` S\ib`
UTUI
3;;nj17;6
6E
UL
3;; nj 1 78;
6E
Tnjl\b` U`hk`l\nol` S\ib`
WQNUCIG SCPIG 3 ;6 nj 7666 Wjgnm
EVSSGPU 3 >46 Chk`l`m
SGEUKHKGS TRGEKCNKTUT
S
DC COMPONENTS CO., LTD.
UGEJPKECN TRGEKHKECUKQPT QH TKPING3RJCTG TKNKEQP DSKFIG SGEUKHKGS
OGEJCPKECN FCUC
0 E\m`@ Ojg_`_ kg\mnd^
0 Gkjrs@ VN ?:W36 l\n` ag\h` l`n\l_\in
0 N`\_@ OKN3TUF38682 O`ncj_ 86> bo\l\in``_
0 Rjg\ldns@ Tsh]jgm hjg_`_ jl h\lf`_ ji ]j_s
0 Ojoindib kjmdndji@ Cis
0 X`dbcn@ <4? bl\hm
U^ A ;6jE
K8n S\ndib ajl Homdib .n<>49hm/
K8n
7<<
C8T`^
Uskd^\g Loi^ndji E\k\^dn\i^` . Pjn`7/
EL
866
kH
Uskd^\g Uc`lh\g S`mdmn\i^` .Pjn` 8/
S2LC
87
6E5X
PQUGT @ 74O`\mol`_ \n 7 OJ[ \i_ \kkgd`_ l`p`lm` pjgn\b` ja :46 pjgnm
84 Uc`lh\g S`mdmn\i^` aljh Loi^ndji nj Ch]d`in \i_ aljh eoi^ndji nj g`\_ hjoin`_ ji R4E4D4 qdnc 64; r 64;, .79r79hh/ ^jkk`l k\_m4
./0
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - KBPC802

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC802 WTE-KBPC802 Datasheet
32Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC802 JGD-KBPC802 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC802 SEMTECH-KBPC802 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC802 SSE-KBPC802 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC802 CHENYI-KBPC802 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC802

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com