Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS12901 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS12901
Description  128.9MHz SAW Filter 4MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS12901 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS12901 Datasheet HTML 1Page - SIPAT Co,Ltd LBS12901 Datasheet HTML 2Page - SIPAT Co,Ltd LBS12901 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS12901
Rev. Date
2006-8-6
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
128.9MHz SAW Filter
4MHz Bandwidth
Part Number: LBS12901
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
128.8
128.9
129
Insertion Loss
dB
-
24
28
1 dB Bandwidth
MHz
-
3.73
-
3 dB Bandwidth
MHz
3.8
3.92
-
40 dB Bandwidth
MHz
-
4.63
-
50 dB Bandwidth
MHz
-
4.69
-
Passband Variation
dB
-
0.6
1.2
Absolute Delay
usec
-
3.78
4
f0±2.35MHz
dB
35
48
-
f0±2.55MHz
dB
45
50
-
f0±2.95MHz
dB
50
57
-
Ultimate Rejection
f0±6.95MHz
dB
55
62
-
Material Temperature coefficient
KHz/°C
0.13
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=100nH L2=82nH
C1=C2=47pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS12901

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS12901 SIPAT-LBS12901 Datasheet
140Kb / 3P
128.9MHz SAW Filter 4MHz Bandwidth
More results

Similar Description - LBS12901

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS11510 SIPAT-LBS11510 Datasheet
138Kb / 3P
115MHz SAW Filter 4MHz Bandwidth
LBS12901 SIPAT-LBS12901 Datasheet
140Kb / 3P
128.9MHz SAW Filter 4MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
152Kb / 4P
70MHz SAW Filter 4MHz Bandwidth
LBT07067 SIPAT-LBT07067 Datasheet
144Kb / 3P
70MHz SAW Filter 4MHz Bandwidth
LBT11404 SIPAT-LBT11404 Datasheet
148Kb / 3P
114MHz SAW Filter 4MHz Bandwidth
LBS140A31 SIPAT-LBS140A31 Datasheet
149Kb / 3P
140MHz SAW Filter 4MHz Bandwidth
LBS16033 SIPAT-LBS16033 Datasheet
145Kb / 3P
160MHz SAW Filter 4MHz Bandwidth
LBS16901 SIPAT-LBS16901 Datasheet
144Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBT08015 SIPAT-LBT08015 Datasheet
149Kb / 3P
80MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com