Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20AG2AC-B2AC-P Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 20AG2AC-B2AC-P
Description  Compact mechanical encoder with concentric shafts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

20AG2AC-B2AC-P Datasheet(HTML) 1 Page - Grayhill, Inc

  20AG2AC-B2AC-P Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Mechanical Encoders
SerieS 20
Concentric Shafts
FeatureS
•Compactmechanicalencoderwithconcentricshafts
•OutputCodeChoices
•PanelandShaftSealOption
•ManufacturedtoISO9001andMilitaryStandards
•Availablewithafixedstoporcontinuousrotation
•CustomConfigurationsAvailable
DimenSionS ininches
SpeCiFiCationS
electrical ratings
Switching Loads:
150mA,115Vac
200mA,28Vdc
Life expectancy:
25,000cyclesatratedloads
Contact resistance:300mohmsmax.
(lessthan100mohmsinitially)
insulation resistance:1000Mohmsmin.
(10,000Mohmsinitially)
Dielectric Strength:500Vacmin.
Hardware Dimensions:
Lockwasher:.437inchdiameter,.022inchthick
HexNut:5/16-32UNEF-2BThread,
.437inchacrossflats,.094inchthick
materials and Finishes
terminal pins:Phosphorbronzewithtinover
nickelplating
panel Seal: Buna-Nrubber,adhesivecoated
Lockwasher:Springsteelwithzincplating
Hex nut:Brasswithtin/zincplating
mechanical ratings
Stop Strength:5in-lbs.
rotational torque:
5in-ozoutershaft
3.5in-ozinnershaft
mounting torque:12in-lbs.recommended
operating temperature range:
-40°Cto+85°C
Storage temperature range:
-55°Cto+100°C
immersion: 15psi(33ft)for30minutes
pin Dimensions:.018inchsquare
Series 20:MechanicalEncoder,concentricshafts
Seal: S=Sealed;A=NotSealed
output code
angle of throw (outershaft)
Stop arrangement: AC=allpositionscontinuousrotation;
AF=allpositionswithfixedstopbetweenfirstandlast;
02to15:numberofpositions,iflessthanmaximum
termination: P=Pins;02to25=CableLength
Stop arrangement(seeabove)
angle of throw (innershaft)
output code
orDering inFormation (potentialcombinations)
angle of throw / max positions:
2=22.5°/16positions
0=30°/12positions
6=36°/10positions
5=45°/8positions
output Code:
G=Gray
B=Binary
Q=Quadrature
20Sg2aC–g2aC-p


Similar Part No. - 20AG2AC-B2AC-P

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
20A YANGJIE-20A Datasheet
147Kb / 2P
Silicon Rectifier
logo
Shenzhen Luguang Electr...
20A100C LUGUANG-20A100C Datasheet
162Kb / 2P
Plastic Silicon Rectifiers
logo
Diode Semiconductor Kor...
20A100C DSK-20A100C Datasheet
132Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Diodes Incorporated
20A100CT DIODES-20A100CT Datasheet
167Kb / 3P
SUPER BARRIER RECTIFIER
DS30966 Rev. 3 - 2
logo
Shenzhen Luguang Electr...
20A100FC LUGUANG-20A100FC Datasheet
165Kb / 2P
Plastic Silicon Rectifiers
More results

Similar Description - 20AG2AC-B2AC-P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
Mechanical Encoder
05-Aug-04
logo
CUI INC
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
logo
Omron Electronics LLC
E6A2-C OMRON-E6A2-C Datasheet
553Kb / 5P
Compact Encoder with External Diameter of 25 mm
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
logo
Bourns Electronic Solut...
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com