Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32LED-GRN Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 32LED-GRN
Description  SPST and SPDT Stackable with LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

32LED-GRN Datasheet(HTML) 2 Page - Grayhill, Inc

  32LED-GRN Datasheet HTML 1Page - Grayhill, Inc 32LED-GRN Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
SPECIFICATIONS
Rating Criteria
Contact Resistance: 25 milliohms maximum
on a new switch
Voltage Breakdown: 1,000 Vac between
mutually insulated parts
Insulation Resistance: 1,000 megohms
minimum
Switch and LED Operating Temperature:
-40°C to +85°C
Materials and Finishes
Switch Base, LED Base, Button and Cover:
Polyester
Shorting Bar: Phosphor bronze, gold-plated
over nickel
Switch Terminals: Brass, gold-plated over
nickel
LED Terminals: Steel, tin-plated
Spring: Tinned Music Wire
LED Information
MCD*
Viewing
Color
Min.
Max.
Angle
Red
0.8
5.0
60°
Green
0.8
3.2
60°
Yellow
0.8
3.2
60°
*MCD = Millicandellas at 2 mA
Recommended Current: 2mA
Current limiting resistor is not supplied.
ORDERING INFORMATION: Individual Units
Part Number
Description
32-01
Switch, 10 microinches gold plating, black button, red body
32-02
Switch, 30 microinches gold plating, black button, red body
32LED-RED
Red LED and holder, red body
32LED-GRN
Green LED and holder, red body
32LED-YEL
Yellow LED and holder, red body
Grayhill or your local Distributor will assemble stacks of switches, LEDs or combinations.
Example Part Number
Example part number describes a stack of 6 elements consisting of two switches, a red
LED, a green LED, a switch and a yellow LED. Shorter stacks will have fewer letters in
the arrangement definition. Contact Grayhill for stacks of more than six elements.
Basic switch part number
(see Ordering Information)
Number of ganged elements
(2 thru 6)
32-01-6-AARGYA
Arrangement definition
(left to right, front view)
A = Switch
R = Red LED
G = Green LED
Y = Yellow LED
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Assemblies of Switches or Switches and LED Combinations
Assemblies of LEDs Only
Example Part Number
Example part number describes a stack of 3 LEDs, arranged red, yellow and green from
left to right. Maximum number of stacked LEDs in this part numbering scheme is six.
Contact Grayhill for stacks of more than six elements.
Basic identification for LEDs
Number of ganged elements
(2 thru 6)
32LED-3-RYG
Arrangement definition
(left to right, front view)
R = Red LED
G = Green LED
Y = Yellow LED
Pushbutton
36



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com