Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFOB Datasheet(PDF) 3 Page - Pacific Silicon Sensor,Inc.

Part # EFOB
Description  Ceramic Res o na tors, Chip Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EFOB Datasheet(HTML) 3 Page - Pacific Silicon Sensor,Inc.

  EFOB Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EFOB Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EFOB Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EFOB Datasheet HTML 4Page - Pacific Silicon Sensor,Inc. EFOB Datasheet HTML 5Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC168 –
(3.90)
(3.10)
3–(0.80)
2–1.60
±0.20
6–R(0.20)
+0.30
–0.20
3.60
+0.50
–0.20
4.40
Serial No.
Oscillating Frequency
Terminal
Electrodes
4.10
±0.20
(2.40)
6–R(0.20)
(3.70)
2.90
±0.30
3–(0.80)
2–1.35
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
3-0.8
1.351.35
3-0.7 to 1.0
1.6 1.6
Ceramic Resonator
+5V
14 13
11
9
7
5
2
For Oscillation Circuit
Frequency Counter
1M
3
1
IC
4
Ceramic Resonator
+5V
14 13
11
9
7
5
2
For Loop Gain
1M
1
IN
0.01
G=20 log (V0/ V1)
V0
V1
OUT
FET probe
10 M
min.
2pF max.
T.G.
Output
=–20dBm
IC
4
3
[Type EFOJM]
[Type EFOBM]
[Type EFOJM]·····16.0 to 20.0, 30.0 to 50.0 MHz
■ Dimensions in mm (not to scale)
Recommended Land Dimensions
[Type EFOBM]·····12.0 to 20.0 MHz
■ Test Circuits Diagram
Frequency
IC
2.00 to 8.39 MHz
µPD4069UBC,
TC4069UBP
or similar
8.40 to 50.0 MHz
µPD74HCU,
TC74 HCU04AP
or similar
01 Feb. 2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com