Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFOSS Datasheet(PDF) 2 Page - Pacific Silicon Sensor,Inc.

Part # EFOSS
Description  Ceramic Res o na tors, Chip Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EFOSS Datasheet(HTML) 2 Page - Pacific Silicon Sensor,Inc.

  EFOSS Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EFOSS Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EFOSS Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EFOSS Datasheet HTML 4Page - Pacific Silicon Sensor,Inc. EFOSS Datasheet HTML 5Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Resonators, Chip Type
– EC167 –
Oscillating Frequency
3–(1.00)
(7.30)
(2.70)
7.80
+0.50
–0.20
2.50
±0.20
2.50
±0.20
+0.30
–0.20
3.20
Serial No.
Terminal
Electrodes
6–R(0.20)
6–(0.60)
4.50
±0.20
(1.60)
2.00
±0.30
3–(0.55)
2–1.50
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
Oscillating Frequency
Serial No.
(7.30)
7.80
+0.50
–0.20
(2.70)
3.20
+0.30
–0.20
6–R(0.20)
2.50
±0.20
6-(1.00)
2.50
±0.20
Terminal
Electrodes
(5.00)
6–R(0.20)
6–(1.20)
(2.70)
5.50
+0.50
–0.20
3.20
+0.25
–0.15
1.90
±0.20
1.90
±0.20
Serial No.
Oscillating Frequency
Terminal
Electrodes
3-0.9 to 1.2
2.5
2.5
3-0.8
1.5
1.5
3-0.55
3-1.2
1.9
1.9
[Type EFOS, EFOSM]
[Type EFOSS]
[Type EFOB]
■ Dimensions in mm (not to scale)
Recommended Land Dimensions
[Type EFOS]·····2.0 to 13.0 MHz
[Type EFOSM]·····4.0 to 13.0 MHz
[Type EFOSS]·····4.0 to 13.0 MHz
[Type EFOB]·····13.1 to 20.0 MHz
01 Feb. 2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com