Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN3L2MC Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # EN3L2MC
Description  MINI WEATHERTIGHT CONNECTOR SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

EN3L2MC Datasheet(HTML) 1 Page - Switchcraft, Inc.

  EN3L2MC Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWITCHCRAFT, INC. 5555 N. Elston Ave. • Chicago , IL 60630 • FAX: 773 792-2129
DIMENSIONS ARE FOR REFERENCE ONLY
Inch
(mm)
Ordering Information**
Optional Cap
• Part Number EN3CAP
Examples:
EN3P2MP
Mini Panel Connector with 2 Male Contacts, Size
# 20, PC Style, Gold-Plated, Contacts Factory-
Installed; Packaged in Bulk.
EN3P3F16PK
Mini Panel Connector with 3 Female Contacts, Size
# 16, PC Style, Gold-Plated, Contacts Factory-
Installed, Packaged in Kit.
7
10
12
13
15
50.00
40.00
30.00
20.00
10.00
0.00
EN3™ Weathertight Connector Current Carry Capability
(per UL 498 Standard)
EN3™ Mating Guide
Current (Amps) - w/14 AWG Wire
v
v
v
v
s
s
s
s
s
x
x
x
x
x
"
"
"
"
"
v
Female 3 pin
Male 3 pin
Female 8 pin
Male 8 pin
x
s
v
"
** 7 and 8 pin not available in cord male, panel female and
in-line female
** Panel EN3™ must mate with a cord EN3™. Request NPB 465 for
solder options. Request NPB 508 for cord to cord/in-line options.
Request NPB 505 for crimp options.
EN3
SERIES
CONNECTOR TYPE
P - PANEL
C - CORD
L - IN-LINE
NUMBER OF CONTACTS*
2, 3, 4, 5, 6, 7, 8
*7 AND 8 PIN NOT AVAILABLE
IN CORD MALE, PANEL FEMALE AND
IN-LINE FEMALE
GENDER
M - MALE
F - FEMALE
PACKAGING
K - KIT
LEAVE BLANK FOR BULK
PACKAGING
CONTACT PLATING
◊ AG - SILVER
LEAVE BLANK FOR GOLD
CONTACT STYLE
C - CRIMP
P - P.C.
LEAVE BLANK FOR SOLDER
CONTACT SIZE
16 - #16
(AVAILABLE IN 2 AND 3 PIN ONLY)
LEAVE BLANK FOR #20 CONTACT SIZE
◊ Special order. Contact Switchcraft for
details.
Cord
•
•
In-Line
•
Panel
•
Male
Cord
In-line
Panel


Similar Part No. - EN3L2MC

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
EN3L2M SWITCH-EN3L2M Datasheet
2Mb / 7P
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
07/07/2006
EN3L2M16CAGK SWITCH-EN3L2M16CAGK Datasheet
2Mb / 7P
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
07/07/2006
EN3L2M16PAGK SWITCH-EN3L2M16PAGK Datasheet
2Mb / 7P
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
07/07/2006
EN3L2M20CAGK SWITCH-EN3L2M20CAGK Datasheet
2Mb / 7P
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
07/07/2006
EN3L2M20PAGK SWITCH-EN3L2M20PAGK Datasheet
2Mb / 7P
EN3™ MINI WEATHERTIGHT CONNECTOR SERIES
07/07/2006
More results

Similar Description - EN3L2MC

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020200MB005M568ZR SUYIN-USA-020200MB005M568ZR Datasheet
136Kb / 1P
MINI USB CONNECTOR
030228FR SUYIN-USA-030228FR Datasheet
124Kb / 1P
STANDARD MINI DIN CONNECTOR SERIES
logo
Adam Technologies, Inc.
MHDMI-S-RA-SMT ADAM-TECH-MHDMI-S-RA-SMT Datasheet
93Kb / 1P
MINI HDMI CONNECTOR
logo
CUI INC
MD-FC CUI-MD-FC Datasheet
236Kb / 4P
MINI DIN CONNECTOR
MD-J CUI-MD-J Datasheet
232Kb / 3P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100 Datasheet
203Kb / 3P
MINI DIN CONNECTOR
MD-S CUI-MD-S Datasheet
246Kb / 4P
MINI DIN CONNECTOR
MD-SM CUI-MD-SM Datasheet
449Kb / 4P
MINI DIN CONNECTOR
MD-PL100 CUI-MD-PL100_V01 Datasheet
281Kb / 3P
MINI DIN CONNECTOR
10/14/2019
logo
Amphenol RF.
FM4-NARP-PCB-1 RF-FM4-NARP-PCB-1 Datasheet
5Mb / 2P
Enhanced Mini-FAKRA Automotive Connector Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com