Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP232 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OP232
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP232 Datasheet(HTML) 4 Page - OPTEK Technologies

  OP232 Datasheet HTML 1Page - OPTEK Technologies OP232 Datasheet HTML 2Page - OPTEK Technologies OP232 Datasheet HTML 3Page - OPTEK Technologies OP232 Datasheet HTML 4Page - OPTEK Technologies OP232 Datasheet HTML 5Page - OPTEK Technologies OP232 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
01/09
Page 4 of 6
Hermetic Infrared Emitting Diode
OP230 Series
OP231, OP232, OP233 (including “W” devices)
Forward Voltage vs Forward Current vs
Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
1020
30
405060
70
8090
100
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120°C
Optical Power vs IF vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1020
3040
506070
8090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20° C
Relative Radiant Intensity vs. Angular
Displacement
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
-15
-10
-5
0
5
10
15
20
Angular Displacement (Degrees)
Distance vs Output Power vs Forward Current
0
1
2
3
4
5
6
0.2 ''
0.4 ''
0.6 ''
0.8 ''
1.0 ''
1.2 ''
1.4 ''
1.6 ''
1.8 ''
2.0 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
70 mA
80 mA
90 mA
100 mA
Normalized at 1" and 50 mA
Forward Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com