Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB100-EZ Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB100-EZ
Description  Optical Emitter and Sensor Pair
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB100-EZ Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB100-EZ Datasheet HTML 1Page - OPTEK Technologies OPB100-EZ Datasheet HTML 2Page - OPTEK Technologies OPB100-EZ Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optical Emitter and Sensor Pair
OPB100Z, OPB100-EZ, OPB100-SZ
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C
2/2013
Page 2 of 3
Electrical Characteristics (TA = 25°C unless otherwise noted — for reference only)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
(See OP298 for additional information — for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
15
μA
VR= 10 V
qHP
Emission Angle at Half Power Points
-
25
-
Degree IF = 20 mA
EE (APT)
Apertured Radiant Intensity
6.5
-
-
mW/cm2
IF = 100 mA
Distance = 1.43” (3.63 cm)
Aperture = 0.25” (6.35 mm)
Output Phototransistor
(See OP598 for additional information — for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA, EE = 0mw/cm
2 (no light)
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IC = 100 μA, EE = 0mw/cm
2 (no light)
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10V, IF = 0, EE = 0 mw/cm
2
(no light)
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 400 μA, EE = 1.7 mw/cm
2
IC(ON)
On-State Collector Current
5
-
-
mA
VCE = 5 V, EE = 1.7 mw/cm
2
Notes:
1.
Derate linearly 3.33 mW/
°C above 25°C.
2.
All parameters measured using pulse technique.
3.
Derate linearly 1.43 mW/°C above 25°C.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-40o C to +85o C
Operating Temperature Range(1)
-40o C to +80o C
Input LED (OP298 for additional information)
Forward DC Current
100 mA
Peak Forward Current (1 μs pulse width, 300 pps)
1 A
Reverse DC Voltage
2 V
Power Dissipation(2)
142 mW
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Output Phototransistor (OP598 for additional information)
Collector DC Current
50 mA
Power Dissipation(3)
250 mW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com