Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB700ALZ Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB700ALZ
Description  Reflective Object Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB700ALZ Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB700ALZ Datasheet HTML 1Page - OPTEK Technologies OPB700ALZ Datasheet HTML 2Page - OPTEK Technologies OPB700ALZ Datasheet HTML 3Page - OPTEK Technologies OPB700ALZ Datasheet HTML 4Page - OPTEK Technologies OPB700ALZ Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A1
02/07
Page 2 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB700Z, OPB700ALZ, OPB701Z, OPB701ALZ
Reflective Surface
3
1
4
2
Reflective Surface
3
1
4
2
OPB701
Color/Pin #
Color/Pin #
Red-3
White-2
Black-4
Green-1
LED
Anode
Cathode
LED
Collector
Emitter
Part Number
Wire Length
OPB700Z
4” Min
OPB700ALZ
18” Min
OPB701Z
4” Min
OPB701ALZ
18” Min
OPB700Z, OPB701Z
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
See Chart



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com