Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5681-15-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 5681-15-R
Description  Fuse Clips with Mounting Holes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

5681-15-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  5681-15-R Datasheet HTML 1Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13/32˝DiameterFuses
Dimensions (Inches)
Catalog
End
Clip
B (To
C
D
E
Hole Fig.
Number
Stop Mat.**
Finish
End Stop) (Contact)
(Height) (Width)
Dia.
Ref.
5956-16
No
Spg. Br. Bright Tin
†
0.312
0.71
0.47
0.172 2
5960-07
BeCu
Silver
0.168
0.196
5960-09
BeCu
Silver
0.20
0.172
5960-44
Spg. Br. Nickel
0.20
0.197
5960-51
Yes
Spg. Br. Bright Dip* 0.168
0.387
0.71
0.47
0.196
1
5960-53
Spg. Br. Bright Dip* 0.20
0.172
5960-61-R
Spg. Br. Bright Tin
0.168
0.196
5960-62-R
Spg. Br. Bright Tin
0.168
0.132
5960-63-R
Spg. Br. Bright Tin
0.20
0.172
5960-64-R
Spr. Br. Bright Tin
0.20
0.128
Fuse Clips with Mounting Holes
5000
For 1/4˝, 9/32˝, 13/32”, and 9/16˝ Diameter Fuses
Series
DimensionalData
1/4˝DiameterFuses
Dimensions (Inches)
Catalog
End
Clip
B (To
C
D
E
Hole
Fig.
Number
Stop
Mat.**
Finish
End Stop) (Contact)
(Height) (Width)
Dia.
Ref.
5681-08
No
Spg. Br. Nickel
†
0.265
0.41
0.32
0.132 2
5681-15-R
Spg. Br. Bright Tin
5682-01
BeCu
Silver
0.108
5682-02
BeCu
Silver
5682-11
Yes
BeCu
Albaloy
0.132
0.262
0.41
0.32
0.132 1
5682-41-R
Spg. Br. Bright Tin 0.106
5682-44-R
Spg. Br. Bright Tin 0.132
C
D
E
B
C
D
E
Figure 1
Figure 2
9/32˝DiameterFuses
Dimensions (Inches)
Catalog
End
Clip
B (To
C
D
E
Hole
Fig.
Number
Stop
Mat.**
Finish
End Stop) (Contact)
(Height) (Width)
Dia.
Ref.
5672-11
No
Spg. Br. Bright Tin †
0.362
0.52
0.38
0.172 2
5674-01
BeCu
Silver
5674-10
Yes
BeCu
Bright Tin 0.168
0.356
0.52
0.38
0.172 1
5674-41
Spg. Br. Bright Tin
*
Bright Dip is actually treated bare metal with no plating.
** Spg. Br. — Spring Bronze; BeCu — Beryllium Copper.
†
Hole in center of both clip and contact area.
9/16˝DiameterFuses
Dimensions (Inches)
Catalog
End
Clip
B (To
C
D
E
Hole
Fig.
Number
Stop
Mat.** Finish
End Stop) (Contact)
(Height) (Width)
Dia.
Ref.
5591-42
Spg. Br. Bright Dip*
0.26
0.51
0.89
0.60
0.172 1
5591-52
Spg. Br. Bright Tin
5592-01
BeCu
Silver
0.20
5592-11
No
Spg. Br. Silver
0.252
0.56
0.89
0.60
0.20
2
Yes
No
Yes
Yes
Yes
No
•Clipsaremadeofaspringbronzeofdistinctlysuperior
quality.Thismetalgivesclipsgreatgrippingstrengthand
abilitytoretainfusesunderadverseconditions.
•Berylliumcopperisbyfarthemostsatisfactorymetalyet
discoveredforuseinfuseclips.Ithastheabilitytoretain
springpressurebetterthananyothermetalunderhigh
currentandhighambientconditions.Italsohas
exceedinglyhighelectricalconductivity.
© 2 0 1 2 C o o p e r B u s s m a n n
S t . L o u i s , M O 6 3 1 7 8
w w w. c o o p e r b u s s m a n n . c o m
1012 BU-SB08760
Page 1 of 1
Data Sheet 2132
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive.All other copies of
this document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical informa-
tion that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change design or construction of
any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.


Similar Part No. - 5681-15-R

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5681 ALPHAWIRE-5681 Datasheet
412Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Adafruit Industries
5681 ADAFRUIT-5681 Datasheet
930Kb / 3P
ADAFRUIT ATTINY816 BREAKOUT WITH SEESAW - STEMMA QT / QWIIC
logo
Aavid, Thermal Division...
568103B00000 AAVID-568103B00000 Datasheet
87Kb / 2P
For use with TO-3 packages
2/25/2003
logo
List of Unclassifed Man...
56812 ETC2-56812 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
56813 ETC2-56813 Datasheet
198Kb / 1P
Electronic Diagonal Cutters
More results

Similar Description - 5681-15-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01110005MR LITTELFUSE-01110005MR Datasheet
136Kb / 1P
Fuse Blocks and Clips
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
Fuse Clips
logo
Littelfuse
354000 LITTELFUSE-354000 Datasheet
99Kb / 1P
Fuse Blocks and Clips
154062 LITTELFUSE-154062 Datasheet
153Kb / 1P
FUSE BLOCKS AND CLIPS
01000058Z LITTELFUSE-01000058Z Datasheet
303Kb / 4P
Fuse Blocks and Clips
logo
List of Unclassifed Man...
3513 ETC2-3513 Datasheet
115Kb / 1P
.250 (6.4) DIAMETER FUSE CLIPS
logo
Littelfuse
354001-GY LITTELFUSE-354001-GY Datasheet
703Kb / 1P
Fuse Blocks and Clips
logo
WECO ELECTRICAL CONNECT...
4003-B WECO-4003-B Datasheet
158Kb / 1P
Socket terminal blocks with mounting holes
12.19
4010-B WECO-4010-B Datasheet
182Kb / 1P
Socket terminal blocks with mounting holes
01.20
4002-B WECO-4002-B Datasheet
158Kb / 1P
Socket terminal blocks with mounting holes
12.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com