Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G8J-1C7T-R-DC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G8J-1C7T-R-DC12
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G8J-1C7T-R-DC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G8J-1C7T-R-DC12 Datasheet HTML 1Page - Omron Electronics LLC G8J-1C7T-R-DC12 Datasheet HTML 2Page - Omron Electronics LLC G8J-1C7T-R-DC12 Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
G8J
G8J
Dimensions
s SPST PCB TYPE
G8J-1A7P-___
Unit: mm (inch)
s SPDT PLUG-IN TYPE
G8J-1C7T-___
Operate time at 23
°C (73°F)
5 ms max.
Release time at 23
°C (73°F)
4 ms max.
Duty cycle at rated load
[16V at 80
°C (176°F)]
Up to 100%
Mechanical life
10,000,000 operations minimum at 18,000 operations/hour
Electrical life (resistive load)
100,000 operations minimum (14V / 35A)
Operating ambient temperature
-40
° to 125°C (-40° to 257°F)
Weight
Approx. 40g
s CHARACTERISTICS
1 (.04)
30
°
2.05 (.08)
3.20 (.13)
.80
±.02
(.03
±.0008)
5.10 (.20)
6.30 (.25)
28
(1.10)
16.8
(.66)
3.10 (.12)
25
(.98
±.016)
Circuit Diagram
Resistor
optional
Circuit Diagram
Resistor
optional
28.0
(1.10)
16.8
(.66)
16
(.63)
25
±.40
(.98
±.016)
11 (.43)
ø 7.0
25
±.40
(.98
±.016)
11 (.43)
Standard Package
Plastic Bracket Optional
30 85
86 87 87a
30 85
86 87
17.90 (.70)
10.90 (.43)
8.35 (.33)
7.9 (.31)
17.90 (.70)
10.35 (.41)
8.35 (.33)
28 (1.10)
Note: Data shown are of initial value.
28 (1.10)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com