Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02-0. Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 02-0.
Description  Rapid, Easy Connections
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

02-0. Datasheet(HTML) 1 Page - Grayhill, Inc

  02-0. Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Test Clips
Miniature
02-20
02-24
02-21
Threaded Stud
Insulated
Standard Banana Plug
Standard Size
02-0
02-4
02-1
Threaded Stud
Insulated
Standard Banana Plug
Max. panel thickness .250 (6,35)
All dimensions are reference.
Max. panel thickness .250 (6,35)
Panel thickness .062 (1,57) to .187 (4,75)
All dimensions are reference.
.218
(5,54)
.719 (18,26)
.360 (9,14)
HEX NUTS .250 (6,35)
ACROSS FLATS,
.094 (2,39) THICK
#6-32 UNC-2A THREAD
.406
(10,31)
.406
(10,31)
.719 (18,26)
.360
(9,14)
A
B
.250 (6,35) DIA.
.375 (9,53) DIA.
A = .062 (1,57)
B = .093 (2,36)
HEX NUTS .250 (6,35) ACROSS
FLATS, .094 (2,39) THICK
#6-32 UNC-2A THREAD
.406
(10,31)
.625 (15,88)
.937 (23,80)
.187
(4,75)
1.250 (31,75)
.312 (7,92)
HEX NUTS .344 (8,74)
ACROSS FLATS,
.125 (3,18) THICK
#8-32 UNC-2A THREAD
.550 (13.97)
.375 (9,53) DIA.
HEX NUTS .344 (8,74) ACROSS
FLATS, .125 (3,18) THICK
#8-32 UNC-2A THREAD
1.125 (28,58)
.937 (23,80)
.312
(7,92)
.550 (13.97)
1.250 (31,75)
.500 (12,7) DIA.
.312
(7,92)
A
B
A = .063 (1,60)
B = .094 (2,39)
.550 (13.97)
ORDERING INFORMATION
Order using part numbers shown in dimensions.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
DIMENSIONS In Inches (and millimeters)
Ultra Miniature
02-41 and 02-42
Standard Size Threadless
02-60
SCREW NOT
INCLUDED
All dimensions are reference.
All dimensions are reference.
.406 (10,31)
.375 (9,53)
.125
(3,18)
HEX NUTS .187 (4,75)
ACROSS FLATS
.062 (1,57) THICK
#2-56 UNC-2A THREAD
.125
(3,18)
PANEL AREA
EXCLUSIVE
OF NUTS:
FOR 1 CLIP
3/16" X 1/8"
(4,76 X 3,17)
FOR DOUBLE
1/4" X 1/8"
(6,35 X 3,17)
1.144
(29,06)
.576
(14,63)
TAPPED
FOR #8-32
UNC-2A
THREADED
SCREW TO
ADJUST
TENSION
.312
(7,92)
SERIES 02
FEATURES
• Rapid, Easy Connections
• Hex Nut for Adjusting Tension
• Choices of Sizes and Styles
STANDARD OPTIONS
Standard Size Threaded Stud Clip can be made
of Stainless Steel or Inconel X material.
Not available through Distributors.
SPECIFICATIONS
Materials and Finishes
Studs: Nickel-plated steel except for 02-41 and
02-42 which are nickel-plated brass
Rivets and Nuts: Nickel-plated brass
Spring Clips: Nickel-plated brass except for
02-41 and 02-42 which are nickel-plated
beryllium copper
Insulators: Thermoset plastic
Ultra-Miniature
Miniature
Standard Size
Termination
5


Similar Part No. - 02-0.

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
02-0. GRAYHILL-02-0. Datasheet
94Kb / 1P
Rapid, Easy Connections
More results

Similar Description - 02-0.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KT120 ETC2-KT120 Datasheet
47Kb / 2P
Terminal connections
logo
Mill-Max Mfg. Corp.
0854-0-15-20-82-14-11-0 MILL-MAX-0854-0-15-20-82-14-11-0 Datasheet
103Kb / 2P
MAXIMUM CONNECTIONS
0856-0-15-20-82-14-11-0 MILL-MAX-0856-0-15-20-82-14-11-0 Datasheet
102Kb / 2P
MAXIMUM CONNECTIONS
logo
Grayhill, Inc
02-20 GRAYHILL-02-20 Datasheet
94Kb / 1P
Rapid, Easy Connections
logo
Epson Company
S1R72U01 EPSON-S1R72U01 Datasheet
505Kb / 32P
Ease of use and easy connections (serial connections)
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
Ease of use and easy connections (serial connections)
logo
Keysight Technologies
W1138A KEYSIGHT-W1138A Datasheet
1Mb / 14P
GPIB, USB and Instrument Control for easy PC-to-Instrument Connections
logo
DIYI Electronic Technol...
M04 DYELEC-M04 Datasheet
1Mb / 2P
Easy connections
logo
Tyco Electronics
1394 MACOM-1394 Datasheet
1Mb / 22P
Easy connections to equipment
logo
celduc-relais
1LK00700 CELDUC-1LK00700 Datasheet
766Kb / 4P
Power connections
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com