Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSRRGBCC3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OVSRRGBCC3
Description  Full-Color 1204 SMD (150째 Viewing Angle)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVSRRGBCC3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OVSRRGBCC3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OVSRRGBCC3 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Issue F 01/2014
Page 2 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings (T
A = 25
o C unless otherwise noted)
Full-Color 1204 SMD
OVSRRGBCC3
OVSRRGBCC3TM
Parameter
Red
Green / Blue
Unit
Continuous Forward Current
30
20
mA
Peak Forward Current (10% Duty Cycle, 10 ms pulse width)
100
80
mA
Power Dissipation
72
72
mW
Reverse Voltage
5
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-55 to +100
°C
Soldering Temperature (for 10 seconds)
°C
260
Electrostatic Discharge Classification (HBM)
±2000
V
Moisture Sensitivity Level (IPC/JEDEC J-STD-020C)
3
168 hours
Electrical Characteristics (T
A = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
(axial direction)
Red
60
105
150
mcd
IF = 20mA
Green
210
330
450
Blue
150
200
250
2 Θ½
Viewing Angle
Red
140
150
160
deg
IF = 20mA
Green
Blue
λD
Dominant Wavelength
Red
615
625
635
nm
IF = 20mA
Green
520
530
535
Blue
465
475
485
VF
Forward Voltage
Red
1.8
2.0
2.4
V
IF = 20mA
Green
3.0
3.3
3.6
Blue
3.0
3.3
3.6
IR
Reverse Current
Red
----
----
µA
VR = 5V
Green
----
----
Blue
----
----
50
Spatial Distribution



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com