Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB325SP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VB325SP-E
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB325SP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VB325SP-E Datasheet HTML 1Page - STMicroelectronics VB325SP-E Datasheet HTML 2Page - STMicroelectronics VB325SP-E Datasheet HTML 3Page - STMicroelectronics VB325SP-E Datasheet HTML 4Page - STMicroelectronics VB325SP-E Datasheet HTML 5Page - STMicroelectronics VB325SP-E Datasheet HTML 6Page - STMicroelectronics VB325SP-E Datasheet HTML 7Page - STMicroelectronics VB325SP-E Datasheet HTML 8Page - STMicroelectronics VB325SP-E Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
VB325SP
Figure 3: Self Clamped Inductive Switching
Current Vs. Time
Figure 5: Typical application diagram
Figure 4: Low voltage clamp feature
µP
1nF
18K
VCC
HVC
GND
FLAG
Vbat
1
µF
100nF
E
LGND
VIN
+5V
BD
1K
1K
1K
ENABLE pin can be alternatively connected to LGND
0
2
4
6
8
10
200
300
400
500
600
700
800
900
1000
Time in Clamp (µsec)
T=25º
T=150º
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com