Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002DW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002DW
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002DW Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002DW Datasheet HTML 1Page - Diodes Incorporated 2N7002DW Datasheet HTML 2Page - Diodes Incorporated 2N7002DW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
S30120 Rev. 2P-1
2 of 3
2N7002DW
Electrical Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Drain-Source Breakdown Voltage
BVDSS
60
70
¾
V
VGS = 0V, ID = 10
mA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
¾¾
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
¾¾
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
1.0
¾
2.0
V
VDS =VGS, ID =-250
mA
Static Drain-Source On-Resistance
@ Tj = 25°C
@Tj = 125°C
RDS (ON)
¾
3.2
4.4
7.5
13.5
W
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
¾
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
¾¾
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
11
25
pF
Reverse Transfer Capacitance
Crss
¾
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150
W,VGEN = 10V,
RGEN = 25
W
Turn-Off Delay Time
tD(OFF)
¾
11
20
ns
Note: 1. Valid provided that terminals are kept at specified ambient temperature.
2. Pulse width
£ 300ms, duty cycle £ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com