Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30LVD56-R Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30LVD56-R
Description  AC Line Rated Disc Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30LVD56-R Datasheet(HTML) 3 Page - Vishay Siliconix

  30LVD56-R Datasheet HTML 1Page - Vishay Siliconix 30LVD56-R Datasheet HTML 2Page - Vishay Siliconix 30LVD56-R Datasheet HTML 3Page - Vishay Siliconix 30LVD56-R Datasheet HTML 4Page - Vishay Siliconix 30LVD56-R Datasheet HTML 5Page - Vishay Siliconix 30LVD56-R Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
30LV Series
www.vishay.com
Vishay Cera-Mite
Revision: 06-Jun-13
3
Document Number: 23103
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings of 7.5 mm and 10 mm are available bulk or tape and reel on request.
• Minimum lead clearance according to IEC 60384-14: 0.118" (3 mm)
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document - find web-link
below.
OPTIONAL 3-LEADED STYLE
An optional 3-leaded construction is available. It consists of a single capacitor with the two outside leads attached to one
electrode, and the center lead attached to the electrode. Used in feed-thru or line-to-ground applications, it allows a short
ground lead for enhanced high frequency performance.
Y5U
4700
± 20
0.620 (15.7)
0.230 (5.8)
20
0.032 (0.81)
0.375 (9.5)
30LVD47-R
5000
0.620 (15.7)
0.225 (5.7)
30LVD50-R
5500
0.560 (14.2)
0.195 (5.0)
30LVD55-R
5600
0.560 (14.2)
0.205 (5.2)
30LVD56-R
6800
0.620 (15.7)
0.215 (5.5)
30LVD68-R
8000
0.680 (17.3)
0.205 (5.2)
30LVD80-R
9000
0.720 (18.3)
0.210 (5.3)
30LVD90-R
0.010 μF
0.790 (20.1)
0.225 (5.7)
30LVS10-R
0.015 μF
0.900 (22.9)
0.210 (5.3)
30LVS15-R
ORDERING INFORMATION, CERAMIC X1/Y2 CAPACITORS 30LV
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
ORDERING
CODE
AWG
INCH (mm)
1.250" min. (32)
4 mm max.
D
max.
T
LS
b
a
G
a
G
b
c



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com