Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

90GB09ST Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 90GB09ST
Description  Thru-Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

90GB09ST Datasheet(HTML) 1 Page - Grayhill, Inc

  90GB09ST Datasheet HTML 1Page - Grayhill, Inc 90GB09ST Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
SerieS 90B and 90GB
Machine insertable MidiP
diMenSiOnS in inches (and millimeters)
OrderinG infOrMatiOn: tube Packaging (each tube is 19.5 inches long)
featureS
•TestedforTO-116Equipment
•Upto10Positions
•HighPressure,ReliableContacts
•Molded(Sealed)Baseand
OptionalTopSeal
•RoHSCompliant
Asviewedfromthetopoftheswitchinthe
positionsshowninthedrawing.
CiRCUiTRy
additiOnal infOrMatiOn
Pleasevisitourwebsiteforaccessories.
AvailablefromyourlocalGrayhillDistributor.
For prices and discounts, contact a local
Sales Office, an authorized local Distributor or
Grayhill.
*The"S"inthepartnumberdenotestoptapesealversions.Toorderwithouttoptapeseal,leave
the"S"offthepartnumberwhenordering.
**Style"GB"contains30µgoldplatedterminals.
O
1 2 3 4 5 6 7 8
N
LENGTH ± .010 (0,25)
SEE CHART
.165 ± .005
(4,19 ± 0,13)
.195
(4,95)
MAX.
.020 ± .002 (0,51 ± 0,05) TYP.
.100 ± .005 (2,54 ± 0,13) TYP.
.085 ± .005 (2,16 ± 0,13) TYP.
.135 ± .010
(3,43 ± 0,25)
TYP.
.375
± .010
(9,53
± 0,25)
.012 ± .001
(0,30 ± 0,03)
TYP.
CL
.290
(7,37)
MAX.
DESIGNED FOR
.100 X .300 (2,54 X 7,62)
ON CENTER HOLES
Switch is packaged as shown
here with all positions on.
OPEN
CLOSED
Series
90HBW
90B
90GB
76
78
CONTACTSySTEM
No.of
Positions
length
inches
length
Metric
number
Per tube
Part number
2
3
4
5
6
7
8
9
10
.270"
.370"
.470"
.570"
.670"
.770"
.870"
.970"
1.070"
6,9mm
9,4mm
11,9mm
14,5mm
17,0mm
19,6mm
22,1mm
24,6mm
27,2mm
60
47
37
31
26
23
20
18
16
90B02St
90B03ST
90B04St
90B05St
90B06ST
90B07St
90B08St
90B09St
90B10St
90GB02St
90GB03ST
90GB04St
90GB05St
90GB06ST
90GB07St
90GB08St
90GB09St
90GB10St


Similar Description - 90GB09ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
76ST01 ETC1-76ST01 Datasheet
33Kb / 1P
Thru-Hole DIP Switches
logo
Grayhill, Inc
76RSB02ST GRAYHILL-76RSB02ST Datasheet
439Kb / 1P
Thru-Hole DIP Switches
76SD01T GRAYHILL-76SD01T Datasheet
240Kb / 2P
Thru-Hole DIP Switches
79B10T GRAYHILL-79B10T Datasheet
398Kb / 1P
Thru-Hole DIP Switches
76SC02 GRAYHILL-76SC02 Datasheet
55Kb / 2P
Thru-Hole DIP Switches
76STC04T GRAYHILL-76STC04T Datasheet
140Kb / 2P
Thru-Hole DIP Switches
78M05S GRAYHILL-78M05S Datasheet
13Kb / 1P
Thru-Hole DIP Switches
78B02T GRAYHILL-78B02T Datasheet
767Kb / 2P
Thru-Hole DIP Switches
79A10T GRAYHILL-79A10T Datasheet
260Kb / 2P
Thru-Hole DIP Switches
94RB08CT GRAYHILL-94RB08CT Datasheet
157Kb / 1P
Thru-Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com