Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66104-9 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 66104-9
Description  Signal Contacts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

66104-9 Datasheet(HTML) 4 Page - Tyco Electronics

  66104-9 Datasheet HTML 1Page - Tyco Electronics 66104-9 Datasheet HTML 2Page - Tyco Electronics 66104-9 Datasheet HTML 3Page - Tyco Electronics 66104-9 Datasheet HTML 4Page - Tyco Electronics 66104-9 Datasheet HTML 5Page - Tyco Electronics 66104-9 Datasheet HTML 6Page - Tyco Electronics 66104-9 Datasheet HTML 7Page - Tyco Electronics 66104-9 Datasheet HTML 8Page - Tyco Electronics 66104-9 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
12
Catalog 65910
Dimensions are in inches and
Dimensions are shown for
Technical Support
Revised 7-07
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
Central America: 52-55-5-729-0425
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
South America: 55-11-3611-1514
are metric equivalents.
Mexico: 01-800-733-8926
www.tycoelectronics.com
AMP Precision Pin and Socket Contacts
Signal Contacts (Continued)
Material
Contact Body and Post—Brass
Retention Spring—Stainless steel
Finish
See chart.
Pin
Pin
Socket
Socket
Type III+, Posted
(Replacement Contacts,
See Note Below)
Contact Size 16—Pin Diameter .062 [1.57] (Test Current, 13 Ampere)‡
Loose Piece Contact No.
Termination
Post
Contact
3 Termination High Post
2 Termination High Post
1 Termination High Post
Method
Configuration
Finish
Pin
Socket
Pin
Socket
Pin
Socket
.025 x .025
Sel. Gold/Nickel1
6-66460-4
6-66461-3
6-66460-3
6-66461-2
6-66460-2
5-66461-5
0.64 x 0.64
Bright Tin
6-66460-6
5-66461-9
6-66460-7
5-66461-8
6-66460-5
5-66461-4
.045 x .045
Sel. Gold/Nickel1
1-66471-5
2-66473-0
—
—
1-66471-8
1-66473-9
Wrap-Type
1.14 x 1.14
Bright Tin
1-66471-7
1-66473-8
—
—
1-66471-6
1-66473-7
.031 x .062
Sel. Gold/Nickel1
1-66470-1
—
—
—
1-66470-0
—
0.79 x 1.57
TERMI-POINT
.031 x .062
Sel. Gold/Nickel1
1-66468-3
1-66459-0
—
—
—
—
Clip
0.79 x 1.57
1
Gold flash over .000050 [0.00127] nickel on entire contact, with .000030 [0.00076] gold to a distance of .200 [5.08] from mating end. Gold thickness controlled
on socket O.D.
Posts plated tin-lead over copper.
Extraction Tool
Part No. 305183 (Instruction Sheet 408-1216)
Insertion Tool
Part No. 200893-2
Note: These contacts are used as replacement contacts for all posted connectors.
‡Single contact, free-air test current is not to be construed as contact rating current. Use only for testing. Refer to contact current carrying capability
information on page 3.
Note: All part numbers are RoHS compliant.
.062
[1.58]
Dia.
Ref.
.525
[13.34]
.025±.001
[0.64±0.03]
Point of Gold Plating Thk.
Measurement
Body
Brass
Post
Brass
Spring
Stainless Steel
.025
[0.64]
.100
[2.54]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com