Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLC5020T-R47N Datasheet(PDF) 1 Page - TDK Electronics

Part # VLC5020T-R47N
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLC5020T-R47N Datasheet(HTML) 1 Page - TDK Electronics

  VLC5020T-R47N Datasheet HTML 1Page - TDK Electronics VLC5020T-R47N Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(1/2)
001-02 / 20100716 / e531_vlc5020.fm
• All specifications are subject to change without notice.
SMD Inductors(Coils)
For Power Line(Wound, Magnetic Shielded)
VLC Series VLC5020
FEATURES
• Miniature size
Mount area: 5
×5mm
Height: 2.0mm max.
• Generic use for portable DC to DC converter line.
• Available for automatic mounting in tape and real package.
• The products do not contain lead and support lead-free
soldering.
• It is a product conforming to halogen-free.
APPLICATIONS
DC to DC converters for LCD TVs, printers, note PCs, etc.
SHAPES AND DIMENSIONS
RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
∗ Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the nominal value of inductance
has fallen by 30%, whichever is smaller.
• Operating temperature range: –40 to +105°C (Including self-temperature rise)
• Test equipment
Inductance: 4285A PRECISION LCR METER, HP or equivalant
Rdc: MILLIOHM METER VP-2941A, MATSUSHITA or equivalant
L(Idc1): 4285A PRECISION LCR METER, HP with 42841A BIAS CURRENT SOURCE, HP/42842C TEST FIXTURE, HP or equivalant
Conformity to RoHS Directive
5.0
±0.2
Dimensions in mm
100
3.8
Dimensions in mm
5.0
Part No.
Inductance
(µH)
Inductance
tolerance
(%)
Test frequency
(kHz)
DC resistance
(
Ω )
Rated current(A)∗
max.
typ.
Based on inductance
change max.
Based on temperature
rise typ.
VLC5020T-R47N
0.47
±30
100
0.018
0.015
5.6
5.4
VLC5020T-1R2N
1.2
±30
100
0.030
0.026
3.8
4.0
VLC5020T-1R5N
1.5
±30
100
0.038
0.032
3.3
3.9
VLC5020T-2R2N
2.2
±30
100
0.045
0.038
3.0
3.7
VLC5020T-3R3N
3.3
±30
100
0.071
0.060
2.4
2.9
VLC5020T-4R7N
4.7
±30
100
0.097
0.081
2.0
2.4
VLC5020T-100M
10
±20
100
0.186
0.156
1.3
1.8
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - VLC5020T-R47N

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
VLC5020T MICROCHIP-VLC5020T Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
More results

Similar Description - VLC5020T-R47N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLFC322522T-100K-PF TDK-NLFC322522T-100K-PF Datasheet
47Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com